Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN4677 Datasheet(PDF) 21 Page - Microchip Technology

Part # RN4677
Description  Bluetooth 4.0 Dual Mode Module Users Guide
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4677 Datasheet(HTML) 21 Page - Microchip Technology

Back Button RN4677 Datasheet HTML 17Page - Microchip Technology RN4677 Datasheet HTML 18Page - Microchip Technology RN4677 Datasheet HTML 19Page - Microchip Technology RN4677 Datasheet HTML 20Page - Microchip Technology RN4677 Datasheet HTML 21Page - Microchip Technology RN4677 Datasheet HTML 22Page - Microchip Technology RN4677 Datasheet HTML 23Page - Microchip Technology RN4677 Datasheet HTML 24Page - Microchip Technology RN4677 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Command Reference
 2015 Microchip Technology Inc.
DS50002377A-page 21
2.3.20
S-,<string>
This command sets the serialized friendly name of the device, where <string> is up to
11 alphanumeric characters. This command automatically appends the last two bytes
of the Bluetooth MAC address to the name, which is useful for generating a custom
name with unique numbering.
Default:
N/A
Example:
2.3.21
S?,<0,1>
This command only applies to Bluetooth Classic.
The Role Switch command enables and disables the role switch, where 0 means
disable role switch and 1 means enable role switch. If the switch is set when a slave
mode device receives an incoming connection, the device tries to force a role switch,
which enables the slave to become the master.
This option is useful in situations where the local device sends high-speed data up to
the remote host, and can improve performance. While connected to this device, the
connecting host may not be able to make additional outbound (multi-point)
connections.
Default:
0
Example:
2.3.22
S$,<char>
This command sets the configuration detect character string, where <char> is a single
character. This setting configures the escape character to enter Command mode ($$$)
to a new character. Restoring the factory defaults returns the device to using $$$.
Default:
$
Example:
S-,MyDevice
// Set name to "MyDevice-ABCD"
S?,1
// Enable role switch
S$,#
// Set ### as string to go into Command mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com