Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN4677 Datasheet(PDF) 19 Page - Microchip Technology

Part # RN4677
Description  Bluetooth 4.0 Dual Mode Module Users Guide
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4677 Datasheet(HTML) 19 Page - Microchip Technology

Back Button RN4677 Datasheet HTML 15Page - Microchip Technology RN4677 Datasheet HTML 16Page - Microchip Technology RN4677 Datasheet HTML 17Page - Microchip Technology RN4677 Datasheet HTML 18Page - Microchip Technology RN4677 Datasheet HTML 19Page - Microchip Technology RN4677 Datasheet HTML 20Page - Microchip Technology RN4677 Datasheet HTML 21Page - Microchip Technology RN4677 Datasheet HTML 22Page - Microchip Technology RN4677 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Command Reference
 2015 Microchip Technology Inc.
DS50002377A-page 19
2.3.13
SQ,<0,1>
This command only applies to BLE.
This command sets the data streaming reliability between two RN4677 devices. If it
communicates with a smart phone or tablet, the remote peer determines RN4677 data
streaming reliability by either start notification (no acknowledgment) or indication (with
acknowledgment). If the parameter of command SQ is 1, the data streams with
acknowledgment; otherwise, the parameter 0 implies unacknowledged data streaming.
Default:
0
Example:
2.3.14
SR[,<0,1>]<MAC Address>
This command stores the remote address. When the MAC address is for a Bluetooth
Classic device, then the only parameter is the Bluetooth MAC address, 12 hexadecimal
digits (6 bytes) without space or characters between digits. For a BLE device, the first
parameter is either 0 (public) or 1 (random) to indicate address type, followed by the
MAC address. Additionally, this command takes special character Z to erase any stored
address.
Default:
N/A
Example:
2.3.15
SS,<string>
This command sets the service name, where <string> is from 1 to 16 alphanumeric
characters.
Default:
SerialPort
Example:
SQ,1
// Enable acknowledgment for data streaming
SR,00A053112233
// Set the remote Bluetooth Classic
// address to 00A053112233
SR,0,00A053112233
// Set the remote BLE address to
// 00A053112233
SR,Z
// Clear stored address
SS,SPP
// Service name set to SPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com