Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN4677 Datasheet(PDF) 27 Page - Microchip Technology

Part # RN4677
Description  Bluetooth 4.0 Dual Mode Module Users Guide
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4677 Datasheet(HTML) 27 Page - Microchip Technology

Back Button RN4677 Datasheet HTML 23Page - Microchip Technology RN4677 Datasheet HTML 24Page - Microchip Technology RN4677 Datasheet HTML 25Page - Microchip Technology RN4677 Datasheet HTML 26Page - Microchip Technology RN4677 Datasheet HTML 27Page - Microchip Technology RN4677 Datasheet HTML 28Page - Microchip Technology RN4677 Datasheet HTML 29Page - Microchip Technology RN4677 Datasheet HTML 30Page - Microchip Technology RN4677 Datasheet HTML 31Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
Command Reference
 2015 Microchip Technology Inc.
DS50002377A-page 27
The first parameter is an 8-bit hex value for scan time in of seconds.
The second parameter is a 16-bit hex value for scan interval in the unit of 0.625 ms.
The third parameter is a 16-bit hex value for scan window in the unit of 0.625 ms. This
parameter must be less than or equal to the second parameter.
If parameters are not provided, the default scan time is 8 seconds, scan interval is 230
ms and scan window is 125 ms.
Example:
2.5.16
IN<value 1>,<value 2>
This command only applies to Bluetooth Classic.
This command is similar to the I command, but it does not return the Bluetooth name,
where <value 1> is the scan time in seconds and <value 2> is the optional COD of the
device class being scanned.
Example:
2.5.17 IQ
This command only applies to Bluetooth Classic.
This command scans for Bluetooth devices in Pairing mode and returns the Received
Signal Strength Indicator (RSSI), which is an indicator of the signal quality for remote
devices. Inquiry scanning with RSSI is part of the Bluetooth specification where the TX
power is held at a constant level (no power control) while sampling the RSSI. A useful
application for RSSI scanning is proximity-based pairing.
Example:
2.5.18
IS<value>
This command only applies to Bluetooth Classic.
This command performs an inquiry scan with a COD of 0x001F00, which is the default
COD for Microchip Bluetooth Classic RN modules, where <value> is the scan time in
seconds.
Example:
2.5.19
IR<value>
This command only applies to Bluetooth Classic.
This command performs an inquiry scan with a COD of 0x0055AA, where <value> is
the scan time in seconds. Microchip Bluetooth Classic RN modules use this COD for
instant cable replacement.
Example:
IL,10,0320,0190
// Scan BLE peripherals for 16 seconds with
// scan interval 500 ms and scan window 250 ms
IN10,001F00
// Scan for 10 seconds using the COD 0x1F00
IQ
IS10
// Scan for Microchip Bluetooth Classic RN devices for 10 s
IR10
// Scan for instant cable replacement devices for 10s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com