| Electronic Components Datasheet Search |
|
RN4677 Datasheet(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RN4677 Datasheet(HTML) 16 Page - Microchip Technology |
|
16 / 31 page ![]() RN4677 Bluetooth® 4.0 Dual Mode Module User’s Guide DS50002377A-page 16 2015 Microchip Technology Inc. Default: 2 Example: 2.3.2 SC,<H16> This command only applies to Bluetooth Classic. This command sets the service class field in the Class of Device (COD). The service class consists of the 11 Most Significant bits in the COD. This command sets the most significant word (msw) to create the 24-bit device class number. The inquiring device interprets the service class to determine the service. A complete listing of available Bluetooth service classes is referenced on the Bluetooth SIG web site at www.bluetooth.org. Default: 0000 Example: 2.3.3 SD,<H16> This command only applies to Bluetooth Classic. This command sets the class of device (COD) least significant word (lsw). The COD is a 24-bit number that is made up of the device class with major 8-bit and minor in a 16-bit word. This command is used with the Service Class command. Default: 1F00 Example: To set the COD to 0x1F0123, use the following commands: SC,001F SD,0123 3 SSP Pin Code Input mode If this mode is set when authenticating the link, a 6-digit pin is displayed at the remote device and the local RN4677 device is required to input the pin. For BLE, if the command SP sets the 6-digit pin code, the pin code is automatically provided. Ensure that the remote device supports fixed pin codes; otherwise, the authentication fails. 4 Legacy Pin Code mode This Security mode is defined in Bluetooth specification 2.0. Only Bluetooth Classic supports this Security mode. This mode requires a fixed 4-digit pin code that is configurable using command SP. SA,2 // Enable "Just Works" security mode SC,0002 // Set service class to 0002 SD,8040 TABLE 2-1: SET AUTHENTICATION VALUES (CONTINUED) Value Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |