Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN4677 Datasheet(PDF) 29 Page - Microchip Technology

Part # RN4677
Description  Bluetooth 4.0 Dual Mode Module Users Guide
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4677 Datasheet(HTML) 29 Page - Microchip Technology

Back Button RN4677 Datasheet HTML 23Page - Microchip Technology RN4677 Datasheet HTML 24Page - Microchip Technology RN4677 Datasheet HTML 25Page - Microchip Technology RN4677 Datasheet HTML 26Page - Microchip Technology RN4677 Datasheet HTML 27Page - Microchip Technology RN4677 Datasheet HTML 28Page - Microchip Technology RN4677 Datasheet HTML 29Page - Microchip Technology RN4677 Datasheet HTML 30Page - Microchip Technology RN4677 Datasheet HTML 31Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
Command Reference
 2015 Microchip Technology Inc.
DS50002377A-page 29
2.5.25
T,<H16>,<H16>,<H16>,<H16>
This command only applies to BLE.
This command adjusts the connection parameters after establishing the BLE
connection.
The first parameter is a 16-bit hex value for minimum connection interval with unit of
0.625 ms.
The second parameter is a 16-bit hex value for maximum connection interval with unit
of 0.625 ms.
The third parameter is slave latency.
The fourth parameter is supervision timeout with unit of 10 ms.
Example:
2.5.26 V
This command displays the firmware version.
Example:
2.5.27
W
This command is the same as command Q,0. It is implemented for backward
compatibility.
This command enables discovery and connection after it has been disabled with the Q
command. It reloads the stored value of the inquiry and page window to re-enable.
Example:
2.5.28
X
This command is a combination of commands D, E and O to display configurations.
Example:
2.5.29
Y[,1]
Command Y displays the MAC addresses of devices in the paired device list. Option-
ally, if parameter 1 is provided, the indexes of the MAC address of devices in the paired
device list are also displayed. The index is useful if the user plans to use command
C<1-4> to reconnect device in the stored device list.
Example:
T,0010,0020,0000,0100
// Adjust the connection parameter to be
// min_conn_interval: 10 ms
// max_conn_interval: 20 ms
// slave_latency: 0
// supervision timeout: 2.56 seconds
V
// Display the firmware version
W
// Turn on discovery and connections
X
// Display configurations
Y
// Display MAC addresses of devices in
// the stored device list



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com