Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN4677 Datasheet(PDF) 25 Page - Microchip Technology

Part # RN4677
Description  Bluetooth 4.0 Dual Mode Module Users Guide
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4677 Datasheet(HTML) 25 Page - Microchip Technology

Back Button RN4677 Datasheet HTML 21Page - Microchip Technology RN4677 Datasheet HTML 22Page - Microchip Technology RN4677 Datasheet HTML 23Page - Microchip Technology RN4677 Datasheet HTML 24Page - Microchip Technology RN4677 Datasheet HTML 25Page - Microchip Technology RN4677 Datasheet HTML 26Page - Microchip Technology RN4677 Datasheet HTML 27Page - Microchip Technology RN4677 Datasheet HTML 28Page - Microchip Technology RN4677 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
Command Reference
 2015 Microchip Technology Inc.
DS50002377A-page 25
If the bonded connection is lost for any reason, reconnection does not automatically
provide a secured link. To secure the connection, the user must issue another B
command. However, this command is only for securing link other than saving
connection information.
Example:
2.5.6
C
This command causes the device to attempt connecting to the stored remote address.
Example:
2.5.7
C,<address>
This command only applies to Bluetooth Classic.
This command causes the device to connect to a remote address, where <address> is
specified in hex format. The address is also stored as the remote address if connection
is successful.
Example:
2.5.8
C,<0,1>,<address>
This command only applies to BLE.
This command causes the device to connect to a remote BLE address, where
<address> is specified in hex format. The address is also stored as the remote address
if connection is successful. The first parameter indicates the address type: 0 for public
address and 1 for private random address.
Example:
2.5.9
C<1-4>
RN4677 can store up to four paired devices. This command provides an easy way to
reconnect to any paired device without typing the MAC address. To display the list of
paired devices, use command Y,1.
Example:
2.5.10
CF,<address>
This command only applies to Bluetooth Classic.
This command causes the device to connect to <address> and immediately go into
Fast Data mode.
Example:
B
// Secure the BLE link
C
// Connect to stored remote address
C,00A053112233
// Connect to the Bluetooth address
// 00A053112233
C,0,00A053112233
// Connect to the BLE address
// 00A053112233
C2
// Reconnect to the 2nd stored device
CF,00A053112233
// Connect to 00A053112233 in Fast Data
// mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com