Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN4677 Datasheet(PDF) 15 Page - Microchip Technology

Part # RN4677
Description  Bluetooth 4.0 Dual Mode Module Users Guide
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4677 Datasheet(HTML) 15 Page - Microchip Technology

Back Button RN4677 Datasheet HTML 11Page - Microchip Technology RN4677 Datasheet HTML 12Page - Microchip Technology RN4677 Datasheet HTML 13Page - Microchip Technology RN4677 Datasheet HTML 14Page - Microchip Technology RN4677 Datasheet HTML 15Page - Microchip Technology RN4677 Datasheet HTML 16Page - Microchip Technology RN4677 Datasheet HTML 17Page - Microchip Technology RN4677 Datasheet HTML 18Page - Microchip Technology RN4677 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
 2015 Microchip Technology Inc.
DS50002377A-page 15
RN4677 BLUETOOTH® 4.0
DUAL MODE MODULE
USER’S GUIDE
Chapter 2. Command Reference
2.1
INTRODUCTION
RN4677 supports a variety of commands for controlling and configuration. This section
describes these commands in detail and provides examples.
2.2
COMMAND SYNTAX
The ASCII command syntax is a keyword followed by optional parameters.
• ASCII commands are divided into multiple groups:
- Set Commands
- Get Commands
- Action Commands
• All commands are one, two or three case-insensitive characters
• Delimit command and any argument with a comma
• Text data is case sensitive such as Bluetooth name
• All commands end with carriage return ('\r', \x0d)
• Get commands return the value to retrieve. Most of the other commands return
either AOK as a positive response or ERR as a negative response.
2.3
SET COMMANDS
Set commands change RN4677 configurations and take effect after rebooting via R,1
command, hard Reset or power cycle.
2.3.1
SA,<1-4>
The Set Authentication command sets the authentication method when a remote
device attempts to connect, where <value> is one of the values shown in Table 2-1.
Once a remote device exchanges pin codes with the RN4677 device, a link key is
stored for future use. The device automatically and permanently stores up to four peer
devices in flash memory using the First-In, First-Out (FIFO) method.
TABLE 2-1:
SET AUTHENTICATION VALUES
Value
Description
1
Secure Simple Pairing (SSP) Pin Code Confirm mode
If this option is set when authenticating the link, a 6-digit pin is sent to UART. On the
remote side, the same 6-digit pin is shown and asked to be confirmed. For BLE, if
the command
SP sets the 6-digit pin code, the pin code is fixed to be displayed and
confirmed on the remote side; otherwise, a random 6-digit pin code is generated for
confirmation.
2
(Default) SSP “Just Works” mode
This mode works without any request to display or input any security pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com