Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM20022ITQFP Datasheet(PDF) 29 Page - SMSC Corporation

Part # COM20022ITQFP
Description  10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022ITQFP Datasheet(HTML) 29 Page - SMSC Corporation

Back Button COM20022ITQFP Datasheet HTML 25Page - SMSC Corporation COM20022ITQFP Datasheet HTML 26Page - SMSC Corporation COM20022ITQFP Datasheet HTML 27Page - SMSC Corporation COM20022ITQFP Datasheet HTML 28Page - SMSC Corporation COM20022ITQFP Datasheet HTML 29Page - SMSC Corporation COM20022ITQFP Datasheet HTML 30Page - SMSC Corporation COM20022ITQFP Datasheet HTML 31Page - SMSC Corporation COM20022ITQFP Datasheet HTML 32Page - SMSC Corporation COM20022ITQFP Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 83 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
SMSC COM20022I
Page 29
Rev. 08-18-03
DATASHEET
5.2.3
Differential Driver Configuration
The Differential Driver Configuration is a special case of the Backplane Mode.
It is a dc coupled
configuration recommended for applications like car-area networks or other cost-sensitive applications
which do not require direct compatibility with existing ARCNET nodes and do not require isolation. The
Differential Driver Configuration cannot communicate directly with nodes utilizing the Traditional Hybrid
Configuration. Like the Backplane Configuration, the Differential Driver Configuration does not isolate the
node from the media.
The Differential Driver interface includes a RS485 Driver/Receiver to transfer the data between the cable
and the COM20022I. The nPULSE1 signal transmits the data, provided the Transmit Enable signal is
active. The nPULSE1 signal issues a 200nS (at 2.5Mbps) negative pulse to transmit a logic "1". Lack of
pulse indicates a logic "0". The RXIN signal receives the data, the transmitter portion of the COM20022I is
disabled during reset and the nPULSE1, nPULSE2 and nTXEN pins are inactive.
5.2.4
Programmable TXEN Polarity
To accommodate transceivers with active high ENABLE pins, the COM20022I contains a programmable
TXEN output. To program the TXEN pin for an active high pulse, the nPULSE2 pin should be connected
to ground. To retain the normal active low polarity, nPULSE2 should be left open.
The polarity
determination is made at power on reset and is valid only for Backplane Mode operation. The nPULSE2
pin should remain grounded at all times if an active high polarity is desired.
Figure 5.10
- Internal Block Diagram
MICRO-
SEQUENCER
AND
WORKING
REGISTERS
STATUS/
COMMAND
REGISTER
RESET
LOGIC
RECONFIGURATION
TIMER
NODE ID
LOGIC
OSCILLATOR
TX/RX
LOGIC
ADDITIONAL
REGISTERS
ADDRESS
DECODING
CIRCUITRY
2K x 8
AD0-AD2,
BUS
ARBITRATION
CIRCUITRY
nPULSE1
nPULSE2
nTXEN
nINTR
nRESET
RAM
A0/nMUX
A1
A2/BALE
nRD/nDS
nWR/DIR
nCS
D3-D15
RXIN
nIOCS16
XTAL1
XTAL2
DMA
DREQ
nDACK
TC
nREFEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com