Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3919 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP3919
Description  3V Three-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3919 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP3919 Datasheet HTML 18Page - Microchip Technology MCP3919 Datasheet HTML 19Page - Microchip Technology MCP3919 Datasheet HTML 20Page - Microchip Technology MCP3919 Datasheet HTML 21Page - Microchip Technology MCP3919 Datasheet HTML 22Page - Microchip Technology MCP3919 Datasheet HTML 23Page - Microchip Technology MCP3919 Datasheet HTML 24Page - Microchip Technology MCP3919 Datasheet HTML 25Page - Microchip Technology MCP3919 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
MCP3919
DS20005347A-page 22
 2014 Microchip Technology Inc.
3.11
Serial Data Clock/Master Clock
Input (SCK/MCLK)
This is the serial clock pin for SPI communication. Data
is clocked into the device on the rising edge of SCK.
Data is clocked out of the device on the falling edge of
SCK.
The MCP3919 SPI interface is compatible with SPI 0,0
and 1,1 modes. SPI modes can be changed during a
CS high time.
The maximum clock speed specified is 20 MHz. SCK
and MCLK are two different and asynchronous clocks;
SCK is only required when a communication happens,
while MCLK is continuously required when the part is
converting analog inputs.
This input is Schmitt-triggered.
In the 2-Wire Interface mode, this pin defines the mas-
ter clock of the device (MCLK) and simultaneously the
serial clock (SCK) for the interface. In this mode, the
clock has to be provided continuously to ensure proper
operation. See Section 7.0 “2-Wire Serial Interface
Description”
for more information and timing dia-
grams of the 2-wire interface protocol.
3.12
Serial Data Output (SDO)
This is the SPI data output pin. Data is clocked out of
the device on the falling edge of SCK.
This pin remains in a high-impedance state during the
command byte. It also stays high-impedance during the
entire communication for write commands and when
the CS pin is logic high, or when the RESET pin is logic
low. This pin is active only when a read command is
processed. The interface is half-duplex (inputs and
outputs do not happen at the same time).
3.13
Serial Data/OSR1 Logic Input
(SDI/OSR1)
This is the SPI data input pin. Data is clocked into the
device on the rising edge of SCK. When CS is logic low,
this pin is used to communicate with a series of 8-bit
commands. The interface is half-duplex (inputs and
outputs do not happen at the same time).
Each communication starts with a chip select falling
edge followed by an 8-bit command word, entered
through the SDI pin. Each command is either a Read or
a Write command. Toggling SDI after a Read or Write
command or when CS is logic high has no effect.
This input is Schmitt-triggered.
In 2-Wire Interface mode, this is the OSR1 logic select
input pin (see Section 7.0 “2-Wire Serial Interface
Description”
for the logic input table for OSR0 and
OSR1). The pin state is latched when the MODE
changes to 2-Wire Interface mode, and is relatched at
each watchdog timer reset.
3.14
Master Reset/OSR0 Logic Input
(RESET/OSR0)
In SPI mode, this pin is active low and places the entire
chip in a Reset state when active.
When RESET is logic low, all registers are reset to their
default value, no communication can take place and no
clock is distributed inside the part, except in the input
structure if MCLK is applied (if MCLK is idle, then no
clock is distributed). This state is equivalent to a Power-
On Reset (POR) state.
Since the default state of the ADCs is on, the analog
power consumption when RESET is logic low is
equivalent to when RESET is logic high. Only the digital
power consumption is largely reduced because this
current consumption is essentially dynamic and is
reduced drastically when there is no clock running.
All the analog biases are enabled during a Reset, so
that the part is fully operational just after a RESET
rising edge, if MCLK is applied when RESET is logic
low. If MCLK is not applied, there is a time after a hard
reset when the conversion may not accurately
correspond to the startup of the input structure.
This input is Schmitt-triggered.
In 2-Wire Interface mode, this is the OSR0 logic select
pin (see Section 7.0 “2-Wire Serial Interface
Description”
for the logic input table for OSR0 and
OSR1). The pin state is latched when the mode
changes to 2-Wire Interface mode, and is relatched at
each watchdog timer reset.
3.15
Digital Power Supply (DVDD)
DVDD is the power supply voltage for the digital circuitry
within the MCP3919. It is distributed on several pins
(pins 12 and 24 in the QFN package, one pin only in the
SSOP-28 package). For optimal performance, it is
recommended to connect these pins together using a
star connection and to connect appropriate bypass
capacitors (typically a 10 µF in parallel with a 0.1 µF
ceramic). DVDD should be maintained between 2.7V
and 3.6V for specified operation.
At least one of these pins need to be properly con-
nected to ensure proper functionality of the device. All
of these pins need to be properly connected to ensure
optimal performance of the device. If any of these pins
are left floating, the accuracy and noise specifications
are not ensured.
3.16
Exposed Thermal Pad
This pin must be connected to AGND or left floating for
proper operation. Connecting it to AGND is preferable
for lowest noise performance and best thermal
behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com