Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3919 Datasheet(PDF) 59 Page - Microchip Technology

Part # MCP3919
Description  3V Three-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3919 Datasheet(HTML) 59 Page - Microchip Technology

Back Button MCP3919 Datasheet HTML 55Page - Microchip Technology MCP3919 Datasheet HTML 56Page - Microchip Technology MCP3919 Datasheet HTML 57Page - Microchip Technology MCP3919 Datasheet HTML 58Page - Microchip Technology MCP3919 Datasheet HTML 59Page - Microchip Technology MCP3919 Datasheet HTML 60Page - Microchip Technology MCP3919 Datasheet HTML 61Page - Microchip Technology MCP3919 Datasheet HTML 62Page - Microchip Technology MCP3919 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005347A-page 59
MCP3919
FIGURE 8-4:
Separation of Analog and
Digital Circuits on Layout.
Figure 8-5 shows a more detailed example with a direct
connection to a high-voltage line (e.g., a 2-wire 120V or
220V system). A current-sensing shunt is used for
current measurement on the high side/line side that
also supplies the ground for the system. This is
necessary as the shunt is directly connected to the
channel input pins of the MCP3919. To reduce
sensitivity to external influences such as EMI, these
two wires should form a twisted pair as noted in
Figure 8-5. The power supply and MCU are separated
on the right side of the PCB, surrounded by the digital
ground plane. The MCP3919 is kept on the left side,
surrounded by the analog ground plane. There are two
separate power supplies going to the digital section of
the system and the analog section including the
MCP3919. With this placement, there are two separate
current supply paths and current return paths, IA and ID.
FIGURE 8-5:
Connection Diagram.
The ferrite bead between the digital and analog ground
planes helps keep high-frequency noise from entering
the device. This ferrite bead is recommended to be low
resistance; most often it is a THT component. Ferrite
beads are typically placed on the shunt inputs and into
the power supply circuit for additional protection.
8.3
SPI Interface Digital Crosstalk
The MCP3919 incorporates a high-speed 20 MHz SPI
digital interface. This interface can induce a crosstalk,
especially with the outer channels (CH0, for example),
if it is running at its full speed without any precautions.
The crosstalk is caused by the switching noise created
by the digital SPI signals (also called ground bouncing).
This crosstalk would negatively impact the SNR in this
case. The noise is attenuated if a proper separation
between the analog and digital power supplies is put in
place (see Section 8.2 “Power Supply Design and
Bypassing”
).
In order to further remove the influence of the SPI
communication on measurement accuracy, it is
recommended to add series resistors on the SPI lines
to reduce the current spikes caused by the digital
switching noise (see Figure 8-5 where these resistors
have been implemented). The resistors also help to
keep the level of electromagnetic emissions low.
The measurement graphs provided in this MCP3919
data sheet have been performed with 100
 series
resistors connected on each SPI I/O pin. Measurement
accuracy disturbances have not been observed even at
the full speed of 20 MHz interfacing.
The crosstalk performance is dependent on the
package choice due to the difference in the pin
arrangement (dual in-line or quad), and is improved in
the QFN-28 package.
8.4
Sampling Speed and Bandwidth
If ADC power consumption is not a concern in the
design, the boost settings can be increased for best
performance so that the OSR is always kept at the
maximum settings to improve the SINAD performance
(see Table 8-1). If the MCU cannot generate a clock
fast enough, it is possible to tap the OSC1/OSC2 pins
of the MCP3919 crystal oscillator directly to the crystal
of the microcontroller. When the sampling frequency is
enlarged, the phase resolution is improved and with the
OSR increased, the phase compensation range can be
kept in the same range as the default settings.
2
26
3
4
5
6
10 11 12 13 14
18
17
16
15
28 27
25
CH1-
SDI
SDO
EP
29
7
CH1+
CH2+
19
20
24
SCK
23
CS
OSC2
CH2-
22
OSC1/CLKI
1
8
9
NC
DGND
21
NC
NC
MCU
Power Supply
Circuitry
LINE
NEUTRAL
SHUNT
Twisted
Pair
IA
ID
ID
IA
“Star” Point
VA
VD
Analog Ground Plane
Digital Ground Plane
MCP3919
TABLE 8-1:
SAMPLING SPEED VS.
MCLK AND OSR,
ADC PRESCALE 1:1
MCLK
(MHz)
Boost<1:0>
OSR
Sampling
Speed
(ksps)
16
11
1024
3.91
14
11
1024
3.42
12
11
1024
2.93
10
10
1024
2.44
8
10
512
3.91
6
01
512
2.93
4
01
256
3.91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com