Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3919 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP3919
Description  3V Three-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3919 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP3919 Datasheet HTML 24Page - Microchip Technology MCP3919 Datasheet HTML 25Page - Microchip Technology MCP3919 Datasheet HTML 26Page - Microchip Technology MCP3919 Datasheet HTML 27Page - Microchip Technology MCP3919 Datasheet HTML 28Page - Microchip Technology MCP3919 Datasheet HTML 29Page - Microchip Technology MCP3919 Datasheet HTML 30Page - Microchip Technology MCP3919 Datasheet HTML 31Page - Microchip Technology MCP3919 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 88 page
background image
MCP3919
DS20005347A-page 28
 2014 Microchip Technology Inc.
EQUATION 4-12:
Where: VCM = (CHn+ + CHn-)/2 is the common-mode
input voltage, and VOUT is the equivalent input voltage
that the output code translates to with the ADC transfer
function.
In the MCP3919 specification, VCM varies from -1V to
+1V.
4.19
ADC Reset Mode
ADC Reset mode (also called Soft Reset mode) can
only be entered through setting the RESET<2:0> bits
high in the Configuration register. This mode is defined
as the condition where the converters are active, but
their output is forced to 0.
The Flash ADC output of the corresponding channel
will be reset to its default value (0011) in the MOD
register.
The ADCs can immediately output meaningful codes
after leaving Reset mode (and after the sinc filter
settling time). This mode is both entered and exited
through bit settings in the Configuration register.
Each converter can be placed in Soft Reset mode
independently. The Configuration registers are not
modified by the Soft Reset mode. A data ready pulse
will not be generated by an ADC channel in Reset
mode.
When an ADC exits ADC Reset mode, any phase delay
present before Reset was entered will still be present.
If one ADC was not in Reset, the ADC leaving Reset
mode will automatically resynchronize the phase delay,
relative to the other ADC channel per the phase delay
register block and give data ready pulses accordingly.
If an ADC is placed in Reset mode while others are
converting, it does not shut down the internal clock.
When coming out of reset, it will be automatically
resynchronized with the clock, which did not stop
during Reset.
If all ADCs are in Soft Reset mode, the clock is no
longer distributed to the digital core for low-power
operation. Once any of the ADCs are back to normal
operation the clock is automatically distributed again.
However, when the eight channels are in Soft Reset
mode the input structure is still clocking if MCLK is
applied in order to properly bias the inputs, so that no
leakage current is observed. If MCLK is not applied,
large analog input leakage currents can be observed
for highly negative input voltages (typically below -0.6V
referred to AGND).
4.20
Hard Reset Mode (RESET = 0)
This mode is only available during a POR or when the
RESET pin is pulled logic low. The RESET pin logic-low
state places the device in Hard Reset mode. In this
mode, all internal registers are reset to their default
state.
The DC biases for the analog blocks are still active, i.e.,
the MCP3919 is ready to convert. However, this pin
clears all conversion data in the ADCs. The
comparators’ outputs of all ADCs are forced to their
Reset state (0011). The SINC filters are all reset, as
well as their double output buffers. The Hard Reset
mode requires a minimum pulse low time (see
Section 1.0 “Electrical Characteristics”
). During a
Hard Reset, no communication with the part is
possible. The digital interface is maintained in a Reset
state.
During this state, the clock MCLK can be applied to the
part in order to properly bias the input structures of all
channels. If not applied, large analog input leakage
currents can be observed for highly negative input
signals and after removing the Hard Reset state, a
certain start-up time is necessary to bias the input
structure properly. During this delay the ADC
conversions can be inaccurate.
4.21
ADC Shutdown Mode
ADC Shutdown mode is defined as a state where the
converters and their biases are off, consuming only
leakage current. When one of the SHUTDOWN<2:0>
bits is reset to ‘0’, the analog biases of the
corresponding channel will be enabled, as well as the
clock and the digital circuitry. The ADC of the
corresponding channel will give a data ready after the
sinc filter settling time has occurred. However, since
the analog biases are not completely settled at the
beginning of the conversion, the sampling may not be
accurate during about 1 ms (corresponding to the
settling time of the biasing in worst case conditions). In
order to ensure accuracy, the data ready pulse within
the delay of 1 ms + settling time of the sinc filter should
be discarded.
Each converter can be placed in Shutdown mode
independently. The configuration registers are not
modified by the Shutdown mode. This mode is only
available through programming the SHUTDOWN<2:0>
bits of the CONFIG1 register.
The output data is flushed to all zeros while in ADC
Shutdown mode. No data ready pulses are generated
by any ADC while in ADC Shutdown mode.
CMRR dB

20
V
OUT
V
CM
-----------------


log
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com