Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3919 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP3919
Description  3V Three-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3919 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP3919 Datasheet HTML 16Page - Microchip Technology MCP3919 Datasheet HTML 17Page - Microchip Technology MCP3919 Datasheet HTML 18Page - Microchip Technology MCP3919 Datasheet HTML 19Page - Microchip Technology MCP3919 Datasheet HTML 20Page - Microchip Technology MCP3919 Datasheet HTML 21Page - Microchip Technology MCP3919 Datasheet HTML 22Page - Microchip Technology MCP3919 Datasheet HTML 23Page - Microchip Technology MCP3919 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 88 page
background image
MCP3919
DS20005347A-page 20
 2014 Microchip Technology Inc.
3.1
Analog Power Supply (AVDD)
AVDD is the power supply voltage for the analog
circuitry within the MCP3919. It is distributed on several
pins (pins 11 and 25 in the QFN-28 package, one pin
only in
the
SSOP-28
package). For optimal
performance, connect these pins together using a star
connection and connect the appropriate bypass
capacitors (typically a 10 µF in parallel with a 0.1 µF
ceramic). AVDD should be maintained between 2.7V
and 3.6V for specified operation.
To ensure proper functionality of the device, at least
one of these pins must be properly connected. To
ensure optimal performance of the device all the pins
must be properly connected. If any of these pins are left
floating, the accuracy and noise specifications are not
ensured.
3.2
ADC Differential Analog Inputs
(CHn+/CHn-)
The CHn+/- pins (n comprised between 0 and 2) are
the three fully-differential analog voltage inputs for the
delta-sigma ADCs.
The linear and specified region of the channels are
dependent on the PGA gain. This region corresponds
to a differential voltage range of ±600 mV/GAIN with
VREF = 1.2V.
The maximum absolute voltage, with respect to AGND,
for each CHn+/- input pin is ±1V with no distortion and
±2V with no breaking after continuous voltage. This
maximum absolute voltage is not proportional to the
VREF voltage.
3.3
Noninverting Reference Input,
Internal Reference Output
(REFIN+/OUT)
This pin is the noninverting side of the differential
voltage reference input for all ADCs or the internal
voltage reference output.
When VREFEXT = 1, an external voltage reference
source can be used and the internal voltage reference
is disabled. When using an external differential voltage
reference it should be connected to its VREF+ pin.
When using an external single-ended reference it
should be connected to this pin.
When VREFEXT = 0 the internal voltage reference is
enabled and connected to this pin through a switch.
This voltage reference has minimal drive capability and
thus needs proper buffering and bypass capacitances
(a 0.1 µF ceramic capacitor is sufficient in most cases)
if used as a voltage source.
If the voltage reference is only used as an internal
VREF, adding bypass capacitance on REFIN+/OUT is
not necessary for keeping ADC accuracy, but a minimal
0.1 µF ceramic capacitance can be connected to avoid
EMI/EMC susceptibility issues due to the antenna
created by the REFIN+/OUT pin if left floating.
3.4
Inverting Reference Input (REFIN-)
This pin is the inverting side of the differential voltage
reference input for all ADCs. When using an external
differential voltage reference it should be connected to
its VREF- pin. When using an external single-ended
voltage reference, or when VREFEXT = 0 (default) and
using the internal voltage reference, the pin should be
directly connected to AGND.
3.5
Analog Ground (AGND)
AGND is the ground reference voltage for the analog
circuitry within the MCP3919. It is distributed on several
pins (pins 10 and 26 in the QFN-28 package, one pin
only in the
SSOP-28 package). For
optimal
performance, it is recommended to connect these pins
together using a star connection and to connect it to the
same ground node voltage as DGND, again preferably
with a star connection.
At least one of these pins need to be properly
connected to ensure proper functionality of the device.
All of these pins need to be properly connected to
ensure optimal performance of the device. If any of
these pins are left floating, the accuracy and noise
specifications are not ensured. If an analog ground
plane is available it is recommended that these pins be
tied to this plane of the PCB. This plane should also
reference all other analog circuitry in the system.
3.6
Digital Ground (DGND)
DGND is the ground reference voltage for the digital
circuitry within the MCP3919. It is distributed on several
pins (pins 13, 15 and 23 in the QFN package, two pins
only in the
SSOP-28 package). For
optimal
performance, connect these pins together using a star
connection and connect it to the same ground node
voltage as AGND, again preferably with a star
connection.
At least one of these pins need to be properly
connected to ensure proper functionality of the device.
All of these pins need to be properly connected to
ensure optimal performance of the device. If any of
these pins are left floating, the accuracy and noise
specifications are not ensured. If a digital ground plane
is available it is recommended that these pins be tied to
this plane of the Printed Circuit Board (PCB). This
plane should also reference all other digital circuitry in
the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com