Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3919 Datasheet(PDF) 38 Page - Microchip Technology

Part # MCP3919
Description  3V Three-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3919 Datasheet(HTML) 38 Page - Microchip Technology

Back Button MCP3919 Datasheet HTML 34Page - Microchip Technology MCP3919 Datasheet HTML 35Page - Microchip Technology MCP3919 Datasheet HTML 36Page - Microchip Technology MCP3919 Datasheet HTML 37Page - Microchip Technology MCP3919 Datasheet HTML 38Page - Microchip Technology MCP3919 Datasheet HTML 39Page - Microchip Technology MCP3919 Datasheet HTML 40Page - Microchip Technology MCP3919 Datasheet HTML 41Page - Microchip Technology MCP3919 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
MCP3919
DS20005347A-page 38
 2014 Microchip Technology Inc.
5.7
Power-On Reset
The MCP3919 contains an internal POR circuit that
monitors both analog and digital supply voltages during
operation. The typical threshold for a power-up event
detection is 2.0V ±10% and a typical start-up time
(tPOR) of 50 µs. The POR circuit has a built-in hystere-
sis for improved transient spike immunity that has a
typical value of 200 mV. Proper decoupling capacitors
(0.1 µF in parallel with 10 µF) should be mounted as
close as possible to the AVDD and DVDD pins, providing
additional transient immunity.
Figure 5-7 illustrates the different conditions at a
power-up and a power-down event in typical
conditions. All internal DC biases are not settled until at
least 1 ms in worst case conditions after system POR.
Any data-ready pulse occurring within 1 ms plus the
sinc filter settling time after system reset should be
ignored to ensure proper accuracy. After POR, data
ready pulses are present at the pin with all the default
conditions in the Configuration registers.
Both AVDD and DVDD are monitored so either power
supply can sequence first.
FIGURE 5-7:
Power-On Reset Operation.
5.8
Hard Reset Effect On Delta-Sigma
Modulator/SINC Filter
When the RESET pin is logic low, all ADCs will be in
Reset and output code 0x000000h. The RESET pin
performs a hard reset (DC biases are still on, the part
is ready to convert) and clears all charges contained in
the delta-sigma modulators. The comparator’s output is
‘0011’ for each ADC.
The sinc filters are all reset as well as their double out-
put buffers. This pin is independent of the serial inter-
face. It brings all the registers to the default state. When
RESET is logic low, any write with the SPI interface will
be disabled and will have no effect. All output pins
(SDO, DR) are high-impedance.
If an external clock (MCLK) is applied, the input struc-
ture is enabled and is properly biasing the substrate of
the input transistors. In this case, the leakage current
on the analog inputs is low if the analog input voltages
are kept between -1V and +1V.
If MCLK is not applied when in Reset mode, the
leakage can be high if the analog inputs are
below -0.6V, as referred to AGND.
5.9
Phase Delay Block
The MCP3919 incorporates a phase delay generator
which ensures that each pair of ADCs (CH0/1, CH1/2)
are converting the inputs with a fixed delay between
them. The three ADCs are synchronously sampling but
the averaging of modulator outputs is delayed so that
the sinc filter outputs (thus the ADC outputs) show a
fixed phase delay as determined by the PHASE
register setting. The odd channel (CH1) is the
reference channel for the phase delays of each pair,
they set the time reference. Typically, this channel can
be the voltage channel for a polyphase energy
metering application. The even channels (CH0/2) are
delayed, compared to the time reference (CH1), by a
fixed amount of time defined for each pair channel in
the PHASE register.
POR
State
Power-Up
Normal
POR
State
Biases are
unsettled.
Conversions
started here may
not be accurate
Biases are settled.
Conversions started
here are accurate.
Analog biases
settling time
SINC filter
settling
time
Voltage
(AVDD, DVDD)
Time
POR Threshold
up (2.0V typical)
(1.8V typical)
tPOR
Operation
Any data-read pulse occurring
during this time can yield
inaccurate output data. It is
recommended to discard them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com