Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3919 Datasheet(PDF) 57 Page - Microchip Technology

Part # MCP3919
Description  3V Three-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3919 Datasheet(HTML) 57 Page - Microchip Technology

Back Button MCP3919 Datasheet HTML 53Page - Microchip Technology MCP3919 Datasheet HTML 54Page - Microchip Technology MCP3919 Datasheet HTML 55Page - Microchip Technology MCP3919 Datasheet HTML 56Page - Microchip Technology MCP3919 Datasheet HTML 57Page - Microchip Technology MCP3919 Datasheet HTML 58Page - Microchip Technology MCP3919 Datasheet HTML 59Page - Microchip Technology MCP3919 Datasheet HTML 60Page - Microchip Technology MCP3919 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005347A-page 57
MCP3919
8.0
BASIC APPLICATION
RECOMMENDATIONS
8.1
Typical Application Examples
The application schematic referenced in Figure 8-1 can
be
used
as
a
starting
point
for
MCP3919
applications.The most common solution is to use one
channel for voltage measurement and the rest of the
channels for current measurement. Since all current
lines are at the same potential, shunts can be used as
current sensors, even if they do not provide any
galvanic isolation.
Since all channels are identical in the MCP3919, any
channel can be chosen as the voltage channel (prefer-
ably CH0 or CH2 since they are on the edges and can
lead to a cleaner layout).
FIGURE 8-1:
MCP3919 Application Example Schematic.
For polyphase metering applications, such as three-
phase meters, it is recommended to use a current
sensor that provides galvanic isolations: current
transformers, Rogowski coils, Hall sensors, etc.
RG9/3912_CS
RG7/3912_SDO
RG6/3912_SCK
RG8/3912_SDI
GND
RA5/3912_RESET
XTAL
RD3/3912_CLKIN
XTAL
GNDA
GND
ADC CLOCK SELECT
10MHz
X1
18pF
0603
C7
18pF
0603
C6
GND
1%
1M
0603
R20
10R
0603
R17
10R
0603
R7
0.1uF
0603
C3
10R
0603
R9
0.1uF
0603
C4
10R
0603
R6
10R
0603
R8
10R
0603
R10
10R
0603
R12
100R
0603
R5
10R
0603
R14
GNDA
GNDA
GNDA
0.1uF
0603
C5
2x3
X
X
J3
ECCP3
3.3D
3.3A
GND
GND
GNDA
GNDA
GNDA
GNDA
CH0-
CH0+
1%
1k
0603
R18
1%
1k
0603
R65
GNDA
1%
1k
0603
R67
1%
1k
0603
R16
0.1uF
0603
C50
0.1uF
0603
C47
2x3
J7
1x3
J20
1%
1k
0603
R66
1%
1k
0603
R64
GND
GNDA
GNDA
GNDA
GNDA
CH1+
CH1-
1%
1k
0603
R69
1%
1k
0603
R71
GNDA
1%
1k
0603
R73
1%
1k
0603
R68
0.1uF
0603
C52
0.1uF
0603
C51
2x3
J21
1x3
J22
1%
1k
0603
R72
1%
1k
0603
R70
GND
GNDA
GNDA
GNDA
GNDA
CH2-
CH2+
1%
1k
0603
R75
1%
1k
0603
R77
GNDA
1%
1k
0603
R79
1%
1k
0603
R74
0.1uF
0603
C54
0.1uF
0603
C53
2x3
J23
1x3
J24
1%
1k
0603
R78
1%
1k
0603
R76
RA14/3912_DR
ADC
CH0+
CH0-
CH1-
CH1+
CH2+
CH2-
NC 10
CH2-
7
REFIN+
14
CH2+
6
NC
8
NC
9
REFIN-
15
NC
CH2-
REFIN+
CH2+
NC
NC
REFIN-
DGND 20
DR 18
OSC1/CLKI 21
OSC2 22
CS 23
SCK 24
SDO 25
SDI 26
RESET 27
DGND 17
DVDD 28
AVDD
1
AGND
16
CH0+
2
CH0-
3
CH1-
4
CH1+
5
NC 11
NC 12
NC 13
NC 19
MCP3919
U5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com