Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3919 Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP3919
Description  3V Three-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3919 Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP3919 Datasheet HTML 39Page - Microchip Technology MCP3919 Datasheet HTML 40Page - Microchip Technology MCP3919 Datasheet HTML 41Page - Microchip Technology MCP3919 Datasheet HTML 42Page - Microchip Technology MCP3919 Datasheet HTML 43Page - Microchip Technology MCP3919 Datasheet HTML 44Page - Microchip Technology MCP3919 Datasheet HTML 45Page - Microchip Technology MCP3919 Datasheet HTML 46Page - Microchip Technology MCP3919 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005347A-page 43
MCP3919
6.0
SPI SERIAL INTERFACE
DESCRIPTION
6.1
Overview
The MCP3919 device includes a four-wire (CS, SCK,
SDI, SDO) digital serial interface that is compatible with
SPI Modes 0,0 and 1,1. Data is clocked out of the
MCP3919 on the falling edge of SCK and data is
clocked into the MCP3919 on the rising edge of SCK.
In these modes, the SCK clock can idle either high (1,1)
or low (0,0). The digital interface is asynchronous with
the MCLK clock that controls the ADC sampling and
digital filtering. All the digital input pins are Schmitt-
triggered to avoid system noise perturbations on the
communications.
Each SPI communication starts with a CS falling edge
and stops with the CS rising edge. Each SPI communi-
cation is independent. When CS is logic high, SDO is
in high-impedance, transitions on SCK and SDI have
no effect. Changing from an SPI Mode 1,1 to an SPI
Mode 0,0 and vice versa is possible and can be done
while the CS pin is logic high. Any CS rising edge clears
the communication and resets the SPI digital interface.
Additional control pins (RESET, DR) are also provided
on separate pins for advanced communication
features. The Data Ready pin (DR) outputs pulses
when a new ADC channel data is available for reading,
which can be used as an interrupt for an MCU. The
master reset pin (RESET) acts like a hard reset and
can reset the part to its default power-up configuration
(equivalent to a POR state).
The MCP3919 interface has a simple command
structure. Every command is either a READ command
from a register, or a WRITE command to a register. The
MCP3919 device includes 32 registers defined in the
Table 9-1 register map. The first byte (8-bit wide)
transmitted is always the CONTROL byte that defines
the address of the register and the type of command
(Read or Write). It is followed by the register itself,
which can be in a 16-, 24- or 32-bit format depending
on the multiple format settings defined in the
STATUSCOM register. The MCP3919 is compatible
with multiple formats that help reduce overhead in the
data handling for most MCUs and processors available
on the market (8-/16- or 32-bit MCUs) and improve
MCU-code compaction and efficiency.
The MCP3919 digital interface is capable of handling
various continuous read and write modes, which allow
it to perform ADC data streaming or full register map
writing within only one communication (and therefore
with only one unique control byte). The internal
registers can be grouped together with various
configurations through the READ<1:0> and WRITE
bits. The internal address counter of the serial interface
can be automatically incremented with no additional
control byte needed in order to loop through the various
groups of registers within the register map. The groups
are defined in Table 9-2.
The MCP3919 device also includes advanced security
features to secure each communication, to avoid
unwanted write commands being processed to change
the desired configuration and to alert the user in case
of a change in the desired configuration.
Each SPI read communication can be secured through
a selectable CRC-16 checksum provided on the SDO
pin at the end of every communication sequence. This
CRC-16 computation is compatible with the DMA CRC
hardware of the PIC24 and PIC32 MCUs, resulting in
no additional overhead for the added security.
For securing the entire configuration of the device, the
MCP3919 includes an 8-bit lock code (LOCK<7:0>)
which blocks all write commands to the full register
map if the value of the LOCK<7:0> is not equal to a
defined password (0xA5). The user can protect its
configuration by changing the LOCK<7:0> value to
0x00 after the full programming, so that any unwanted
write command will not result in a change to the
configuration (because LOCK<7:0> is different than the
password 0xA5).
An additional CRC-16 calculation is also running con-
tinuously in the background to ensure the integrity of
the full register map. All writable registers of the regis-
ter map (except the MOD register) are processed
through a CRC-16 calculation engine and give a CRC-
16 checksum that depends on the configuration. This
checksum is readable on the LOCK/CRC register and
updated at all times. If a change in this checksum hap-
pens, a selectable interrupt can give a flag on the DR
pin (DR pin becomes logic low) to warn the user that
the configuration is corrupted.
6.2
Control Byte
The control byte of the MCP3919 contains two device
Address bits (A<6:5>), five register Address bits
(A<4:0>) and a Read/Write bit (R/W). The first byte
transmitted to the MCP3919 in any communication is
always the control byte. During the control byte trans-
fer, the SDO pin is always in a high-impedance state.
The MCP3919 interface is device addressable
(through A<6:5>) so that multiple chips can be present
on the same SPI bus with no data bus contention, even
if they use the same CS pin, they use a provided half-
duplex SPI interface with a different address identifier.
This functionality enables, for example, a Serial
EEPROM like 24AAXXX/24LCXXX or 24FCXXX and
the MCP3919 to share all the SPI pins and consume
less I/O pins in the application processor since all these
Serial EEPROM circuits use A<6:5> = 00.
.
FIGURE 6-1:
Control Byte.
A<6> A<5> A<4> A<3> A<2> A<1> A<0> R/W
Device
Address
Register Address
Read/
Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com