Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8208 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # RTL8208
Description  REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8208 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button RTL8208 Datasheet HTML 17Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 18Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 19Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 20Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 21Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 22Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 23Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 24Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
RTL8208
2001/01/07
21
Rev.1.923
7.3.2 Receive Function
The Manchester decoder converts the incoming serial stream when the circuit detects the signal , and the digital serial stream is
then converted to 2-bit (RMII) or 1-bit (SMII/SS-SMII) data format. The preamble of the incoming stream is stripped off and
regenerated. SFD is generated into RXD once the incoming SFD is detected and data bits entering the elastic buffer are over
threshold.
7.3.3 Link Monitor
The 10Base-T link pulse detection circuit constantly monitors the RXIP/RXIN pins for the presence of valid link pulses.
Auto-polarity is implemented for correcting the detected reverse polarity of the RXIP/RXIN signal pairs.
7.3.4 Jabber
Jabber occurs when TX_EN is asserted over 21ms. Both transmit and loopback functions are disabled once jabber occurs. The
MII Register 1.1 (Jabber detect) bit is set high until jabber disappears and the bit is read again. The Jabber function is supported
in 10-Base-T only, and is not implemented in 100Base-TX. The collision LED of the corresponding port will blink while Jabber
occurs. Jabber is dismissed after TX_EN remains low for at least 500ms.
7.3.5 Loopback
Loopback mode can be achieved by writing to Register 0.14=1. Loopback mode routes transmitted data at the output of NRZ to
the NRZI conversion module, back to the receiving path. This mode is used to check all the device’s connection at the 5-bit
symbol bus, and verify the operation of the phase locked loop.
7.4 100Base-TX
An internal 125MHz clock is generated by an on-chip PLL circuit to synchronize the transmit data or generate the clock signal
for the incoming data stream.
7.4.1 Transmit Function
Upon detection of TX_EN high, the RTL8208 converts RMII/SMII/SS-SMII TXD to 5 bit code-group and substitutes J/K
code-groups for the first 2 code-groups, which are called Start of Stream Delimiter (SSD). 4B5B coding continues for all of the data
as long as TX_EN is asserted high. At the end of TX_EN, T/R code-groups are appended to the last data field, which will be
stripped off at the remote receiving side. During the inter-packet gap, where TX_EN deasserted, IDLE code-groups are transmitted
for the sake of clocking of the remote receiver. The 5-bit serial data stream after 4B5B coding is then scrambled as defined by the
TP-PMD Stream Cipher function to flatten the power spectrum energy such that EMI effects can be significantly reduced.
This multi-level signaling technology moves the power spectrum energy from high frequency to low frequency, which also
benefits EMI emission. Scrambling is not implemented in 100Base-FX.
7.4.2 Receive Function
The receive path includes a receiver composed of an adaptive equalizer and DC restoration circuits. These circuits compensate
for incoming distortion of the MLT-3 signal. An MLT-3 to NRZI, and NRZI to NRZ converter is used to convert analog signals
to digital bit-streams. A PLL circuit is also included to clock data bits exactly with minimum bit error rate. De-scrambler, 5B/4B
decoder and serial-to-parallel conversion circuits follow. CRS_DV is asserted no later than when the SSD
(Start-of-Stream-Delimiter) is detected within a few bits time (delay due to the elastic buffer as mentioned in the RMII section),
and ends toggling once the data in the elastic buffer has been dumped to RXD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com