Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8208 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # RTL8208
Description  REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8208 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button RTL8208 Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 9Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 10Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 11Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 12Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 13Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 14Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 15Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
RTL8208
2001/01/07
12
Rev.1.923
6. Register Descriptions
The first six registers of the MII are defined by the MII specification. Other registers are defined by Realtek Semiconductor Corp.
for internal use and are reserved for specific uses.
Register
Description
Default
0
Control Register
3100
1
Status Register
0F49
2
PHY Identifier 1 Register
001C
3
PHY Identifier 2 Register
C883
4
Auto-Negotiation Advertisement Register
05E1
5
Auto-Negotiation Link Partner Ability Register
0001
6
Auto-Negotiation Expansion Register
0000
RO: Read Only
RW:Read/Write
LL: Latch Low until cleared
LH: Latch High until cleared
SC: Self Clearing
6.1 Register 0: Control
Reg. bit
Name
Description
Mode
Default
0.15
Reset
1=PHY reset. This bit is self-clearing.
RW/SC
0
0.14
Loopback
This will loopback TXD to RXD and ignore all the activities
on the cable media. Valid only for 10Base-T.
1=Enable loopback.
0=Normal operation.
RW
0
0.13
Spd_Sel
When Nway is enabled, this bit reflects the result of
Auto-negotiation. (Read only)
When Nway is disabled, this bit can be set by SMI*.
(Read/Write)
When 100FX is enabled, this bit =1 (Read only)
1=100Mbps.
0=10Mbps.
RW
1
0.12
Auto Negotiation
Enable
This bit can be set through SMI.(Read/Write)
When 100FX is enabled, this bit =0 (Read only)
1 = Enable Auto-negotiation process.
0 = disable Auto-negotiation process.
RW
1
or
0 for 100FX
0.11
Power Down
1=Power down. All functions will be disabled except
SMI.read/write function.
0=Normal operation.
RW
0
0.10
Isolate
1 = Electrically isolate the PHY from RMII/SMII/SS-SMII.
PHY is still able to respond to MDC/MDIO.
0 = Normal operation
RW
0
0.9
Restart Auto
Negotiation
1=Restart Auto-Negotiation process.
0=Normal operation.
RW/SC
0
0.8
Duplex Mode
When Nway is enabled, this bit reflects the result of
Auto-negotiation. (Read only)
When Nway is disabled, this bit can be set by SMI*.
(Read/Write)
When 100FX is enabled, this bit is determined by the
FX_DUPLEX pin. (Read/Write)
1=Full duplex operation.
0=Half duplex operation.
RW
1
0.[7:0]
Reserved
0
*SMI: Serial Management Interface , which is composed of MDC,MDIO, allows MAC to manage PHY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com