Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8208 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # RTL8208
Description  REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8208 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button RTL8208 Datasheet HTML 22Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 23Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 24Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 25Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 26Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 27Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 28Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 29Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
RTL8208
2001/01/07
26
Rev.1.923
Receive Path
Receive data and control information are signaled in 10-bit segments. SYNC signal is used to delimit the 10-bit segments. MAC
is responsible to generate these SYNC pulses every ten clocks. For 100Mbps mode, each segment represents a byte of data.
However, for 10Mbps mode, each segment is repeated ten times to represent a byte of data. The receive sequence contains all of
the information defined on the standard MII receive path.
RXD0
RXD1
RXD2
RXD3
RXD4
RXD5
RXD6
RXER from
previous
frame
Speed
0 =10Mbps
1 =100Mbps
Duplex
0 = Half
1 = Full
Link
0 = Down
1 = Up
Jabber
0 = OK
1 = Detected
Upper Nibble
0 = Invalid
1 = Valid
False Carrier
0 = OK
1 = Detected
One Data Byte (Two MII Data Nibbles)
CRS
1
X1
RXD7
RX_DV
X0
SMII Reception Encoding
REFCLK
RXD[0]
SYNC
1
2
3
4
5
6
7
8
9
10
CRS
RXDV
RXD0
RXD7
RXD6
RXD5
RXD4
RXD3
RXD2
RXD1
SMII Reception
Transmit Path
Transmit data and control information are signaled in 10-bit segments. SYNC signal is used to delimit the 10-bit segments. MAC
is responsible to generate these SYNC pulses every ten clocks. For 100Mbps mode, each segment represents a byte of data.
However, for 10Mbps mode, each segment is repeated ten times to represent a byte of data.
XX
X
TXD0
TXD1
TXD2
TXD3
TXD4
TXD5
TXD6
TXD7
TXEN
TXER
One Data Byte (Two MII Data Nibbles)
XXXX
0
X
X
TXD0
TXD1
TXD2
TXD3
TXD4
TXD5
TXD6
TXD7
TXEN
TXER
One Data Byte (Two MII Data Nibbles)
XXXX
0
X
X
TXD0
TXD1
TXD2
TXD3
TXD4
TXD5
TXD6
TXD7
TXEN
TXER
One Data Byte (Two MII Data Nibbles)
X
XXXX
0
X
1
SMII Transmission Encoding
REFCLK
SYNC
TX_ER
TX_EN
TXD0
TXD7
TXD6
TXD5
TXD4
TXD3
TXD2
TXD1
1
2
3
4
5
6
7
8
9
10
REFCLK
SYNC
TX_ER
TX_EN
TXD0
TXD7
TXD6
TXD5
TXD4
TXD3
TXD2
TXD1
1
2
3
4
5
6
7
8
9
10
REFCLK
SYNC
TX_ER
TX_EN
TXD0
TXD7
TXD6
TXD5
TXD4
TXD3
TXD2
TXD1
1
2
3
4
5
6
7
8
9
10
SMII Transmission
Collision Detection
The RTL8208 does not indicate that a collision has occurred. It is left up to the MAC to detect the assertion of both CRS_DV and
TX_EN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com