Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8208 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RTL8208
Description  REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8208 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RTL8208 Datasheet HTML 1Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 2Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 3Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 4Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 5Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
RTL8208
2001/01/07
2
Rev.1.923
1. Features
Supports 8-port integrated physical layer and
transceiver for 10Base-T and 100Base-TX
Up to 8 ports support of 100Base-FX
Reduced 100Base-FX interface (patented)
Robust baseline wander correction for improved
100BASE-TX performance
Fully compliant with IEEE 802.3/802.3u
IEEE 802.3u compliant Auto-negotiation for 10/100
Mbps control
Hardware controlled Flow control advertisement ability
Supports RMII/SMII/SS-SMII interfaces
Multiple driving capabilities of RMII/SMII/SS-SMII
Supports 25MHz crystal as clock source for RMII with
50MHz REFCLK output for MAC
Very low power consumption
Supports port-pair loop mode (PP-LPBK mode)
Supports two Power reduction methods:
1. Power saving mode (cable detection)
2. Power down mode
Power-on auto reset function eliminates the need for
external reset circuits
Flexible LED display modes through 2-wire serial
LED control interface
128-pin PQFP
2.5V/3.3V power supply
0.25µm, CMOS technology
2. General Description
The RTL8208 is a highly integrated 8 port, 10Base-T/100Base-TX/FX, Ethernet transceiver implemented in 0.25µm CMOS
technology. It is currently the world’s smallest Octal-PHY chip package with many special patented features. Traditional SD pins
in 100Base-FX are omitted by Realtek patent to obtain fewer pin-count. Flexible hardware settings are provided to configure the
various operating modes of the chip. The RTL8208 consists of 8 separate and independent channels. Each channel consists of an
RMII/SMII/SS-SMII interface to MAC controller, and hardware pins are used to configure the interface for RMII, or SMII, or
SS-SMII mode. In RMII mode, another hardware pin is used to set port-pair loop mode (PP-LPBK mode), which can extend
physical transmission length or perform physical media transport operations without any switch controller. In addition, the
RTL8208 features very low power consumption, as low as 1.8 W (max.). Additionally, pin-outs are designed to provide
optimized direct routing can be implemented, which simplifies the layout work and reduces EMI noise issues.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com