Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDP3310B Datasheet(PDF) 37 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 37 Page - Micronas

Back Button DDP3310B Datasheet HTML 33Page - Micronas DDP3310B Datasheet HTML 34Page - Micronas DDP3310B Datasheet HTML 35Page - Micronas DDP3310B Datasheet HTML 36Page - Micronas DDP3310B Datasheet HTML 37Page - Micronas DDP3310B Datasheet HTML 38Page - Micronas DDP3310B Datasheet HTML 39Page - Micronas DDP3310B Datasheet HTML 40Page - Micronas DDP3310B Datasheet HTML 41Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
ADVANCE INFORMATION
DDP 3310B
Micronas
37
43
C0
IN
GNDD
Picture Bus Chroma (LSB)
44
C1
IN
GNDD
Picture Bus Chroma
45
C2
IN
GNDD
Picture Bus Chroma
46
C3
IN
GNDD
Picture Bus Chroma
47
C4
IN
GNDD
Picture Bus Chroma
48
C5
IN
GNDD
Picture Bus Chroma
49
C6
IN
GNDD
Picture Bus Chroma
50
C7
IN
GNDD
Picture Bus Chroma (MSB)
51
VSUPD
SUPPLY
X
Supply Voltage, Digital Circuitry
52
GNDD
SUPPLY
X
Ground, Digital Circuitry
53
LLC2
IN
X
System Clock Input (27/32/40.5 MHz)
54
Y0
IN
GNDD
Picture Bus Luma (LSB)
55
Y1
IN
GNDD
Picture Bus Luma
56
Y2
IN
GNDD
Picture Bus Luma
57
Y3
IN
GNDD
Picture Bus Luma
58
Y4
IN
GNDD
Picture Bus Luma
59
Y5
IN
GNDD
Picture Bus Luma
60
Y6
IN
GNDD
Picture Bus Luma
61
Y7
IN
GNDD
Picture Bus Luma (MSB)
62
LLC1
IN
VSUPD
Single Line-Locked Clock Input (13.5/16 MHz)
63
HS
IN
X
Horizontal Sync Input
64
VS
IN
GNDD
Vertical Sync Input
65
XTAL2
OUT
X
Analog Crystal Output (5-MHz Security Clock)
66
XTAL1
IN
X
Analog Crystal Input (5-MHz Security Clock)
67
SDA
IN/OUT
X
I2C-Bus Data
68
SCL
IN/OUT
X
I2C-Bus Clock
Pin No.
Pin Name
Type
Connection
Short Description
PLCCK
68-pin
(If not used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com