Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDP3310B Datasheet(PDF) 22 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 22 Page - Micronas

Back Button DDP3310B Datasheet HTML 18Page - Micronas DDP3310B Datasheet HTML 19Page - Micronas DDP3310B Datasheet HTML 20Page - Micronas DDP3310B Datasheet HTML 21Page - Micronas DDP3310B Datasheet HTML 22Page - Micronas DDP3310B Datasheet HTML 23Page - Micronas DDP3310B Datasheet HTML 24Page - Micronas DDP3310B Datasheet HTML 25Page - Micronas DDP3310B Datasheet HTML 26Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
DDP 3310B
ADVANCE INFORMATION
22
Micronas
3.3. XDFP Control and Status Registers
The second class are “XDFP-REGISTERS”, which are
used by the XDFP on-chip controller. Access to these
registers is achieved by subaddressing.
– Writing to these registers is done by sending the
device write address first, followed by the XDFP-
write subaddress, two address bits for the desired
XDFP-register, and the two data bytes.
– For reading, the XDFP-register address has to be
transmitted
first
by
sending
the
device
write
address, followed by the XDFP-read subaddress
and the two XDFP-register address bytes. Without
sending a stop condition, reading of the addressed
data is done by sending the device read address
and reading two bytes of data.
Fig. 3–3 shows I2C protocol for read and write opera-
tions. Table 3–3 gives definitions of the XDFP control
and status registers. If these registers are smaller than
16 bit, the remaining bits should be 0 on write and read
operations. Due to the internal architecture, the IC can-
not react immediately to an I2C request, which inter-
acts with the on-chip controller. The maximum
response
timing
is approximately 20 ms. If the
addressed controller is not ready for further transmis-
sions on the I2C-bus, the clock line SCL is pulled low.
This puts the current transmission into a wait state.
After a certain period of time, the clock line will be
released and the interrupted transmission is carried
on.
A hardware reset initializes all control registers to 0.
The automatic chip initialization loads a selected set of
registers with the default values given in Table 3–3.
The register modes are
8/16- bit width
r
read only register
w
write only register
r/w
write/read data register
Note: set unused bits to ‘0‘!
The mnemonics used in the DDP 3310B demo soft-
ware are given in the last column.
Fig. 3–3: XDFP protocol
Table 3–1: XDFP read/write address
XDFP Read address
h’13
XDFP Write address
h’12
Ack
Nak
Ack
Ack
Ack
Ack
Start Condition
Stop Condition
W
R
Ack
Nak
S
P
=
1 (Read Bit)
0 (Write Bit)
=
=
=
=
=
0 (Acknowledge Bit from DDP 3310B=gray
1 (Not Acknowledge Bit from Controller=hatched or
Write to XDFP Control Register:
Read from XDFP Control Register:
S 1000101 W
XDFP Read Addr.
Ack
P
S 1000101
R
High-Byte Addr.
Low-Byte Addr.
Low-Byte Data
Ack
High-Byte Data
or Controller = hatched)
indicating an error state from DDP 3310B=gray)
Ack
Ack
Ack
Ack
Ack
S 1000101 W
XDFP Write Addr.
Ack
P
High-Byte Addr.
Low-Byte Addr.
Low-Byte Data
High-Byte data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com