Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDP3310B Datasheet(PDF) 16 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 16 Page - Micronas

Back Button DDP3310B Datasheet HTML 12Page - Micronas DDP3310B Datasheet HTML 13Page - Micronas DDP3310B Datasheet HTML 14Page - Micronas DDP3310B Datasheet HTML 15Page - Micronas DDP3310B Datasheet HTML 16Page - Micronas DDP3310B Datasheet HTML 17Page - Micronas DDP3310B Datasheet HTML 18Page - Micronas DDP3310B Datasheet HTML 19Page - Micronas DDP3310B Datasheet HTML 20Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
DDP 3310B
ADVANCE INFORMATION
16
Micronas
2.3. Synchronization and Deflection
2.3.1. Deflection Processing
The deflection processing generates the signals for the
horizontal and vertical drive (see Fig. 2–13). This block
contains two numeric phase-locked loops and a secu-
rity unit:
– PLL2 generates the horizontal and vertical timing,
e.g. blanking, clamping, and sync signals. Phase
and frequency are synchronized by the incoming
sync signals.
– PLL3 adjusts the phase of the horizontal drive pulse
and compensates for the delay of the horizontal out-
put stage.
– The security unit observes the H-Drive output sig-
nal. With an external 5-MHz reference clock, this
unit controls the H-Drive “off time” and period. In
case of an incorrect H-Drive signal the security unit
generates a free-running H-Drive signal divided
down from the 5-MHz reference clock.
The DDP 3310B is able to synchronize various hori-
zontal frequencies, even VGA frequencies. Allowed
horizontal frequencies are listed in Table 2–5. The hor-
izontal drive uses a high-voltage (8 V) open-drain out-
put transistor.
2.3.2. Security Unit for H-Drive
The security unit observes the H-Drive output signal
with an external 5-MHz reference clock. For different
horizontal frequencies the security unit uses different
ranges to control the H-Drive signal. Selecting a spe-
cific horizontal frequency via I2C-register HFREQ
automatically switches to the corresponding security
range. The control ranges are listed in Table 2–5.
The window of the control range has to fit into a main
control window which is selectable with the FREQSEL
input pin. With a Low signal at this pin, the main control
range is 28.8… 34.4
µs and with a High signal, the
main control range is 25.6…29.2
µs. This is to prevent
malfunctions if the horizontal deflection stage is pre-
pared for VGA frequencies.
The Horizontal Drive Output can be forced to the High
level during Flyback. This means, the falling edge of
the drive pulse occurs at the earliest to the end of the
flyback pulse. This function can be enabled via the I2C
bus (EFLB).
Fig. 2–13: Deflection processing block diagram
Phase
Comparator
&
Low-Pass
PLL2
E/W
Correction
Sawtooth
PWM
15-Bit
E/W
Output
V+
Output
PWM
15-Bit
DCO
HSYNC
Phase
Comparator
&
Low-Pass
PLL3
H
Flyback
DCO
Display
Timing
Blanking, Clamping, etc.
Clock & Control
Horizontal
Generator
Vertical Reset
VSYNC
V
−
Security
Unit
H
Drive
FREQSEL
2H
2V
1H or 2H
1V or 2V
FIFORWR
FIFOWR
FIFORRD
FIFORD
FIFO control
Drive
Display
Frequency
Doubling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com