Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDP3310B Datasheet(PDF) 44 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 44 Page - Micronas

Back Button DDP3310B Datasheet HTML 40Page - Micronas DDP3310B Datasheet HTML 41Page - Micronas DDP3310B Datasheet HTML 42Page - Micronas DDP3310B Datasheet HTML 43Page - Micronas DDP3310B Datasheet HTML 44Page - Micronas DDP3310B Datasheet HTML 45Page - Micronas DDP3310B Datasheet HTML 46Page - Micronas DDP3310B Datasheet HTML 47Page - Micronas DDP3310B Datasheet HTML 48Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
DDP 3310B
ADVANCE INFORMATION
44
Micronas
4.6. Electrical Characteristics
4.6.1. Absolute Maximum Ratings
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these or any other conditions beyond those indicated in
the “Recommended Operating Conditions/Characteristics” of this specification is not implied. Exposure to absolute
maximum ratings conditions for extended periods may affect device reliability.
4.6.2. Recommended Operating Conditions
Symbol
Parameter
Pin Name
Min.
Max.
Unit
TA
Ambient Operating Temperature
−
065
°C
TC
Case Temperature
−
0
105
°C
TS
Storage Temperature
−−40
125
°C
VSUP
Supply Voltage
All Supply
Pins
−0.3
6
V
VI
Input Voltage
All Inputs
−0.3
VSUP(P/D/O)+0.3
V
VO
Output Voltage
All Outputs
(except
HOUT)
−0.3
VSUP(P/D/O)+0.3
V
VGD
Voltage between different ground pins
All Ground
Pins
−
0.3
V
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
TA
Ambient Operating Temperature
0
−
65
°C
VSUP
Supply Voltages, all Supply Pins
(except output pin driver supply)
4.75
5.0
5.25
V
VSUPP
Output Pin Driver Supply Voltage
VSUPP
3.0
5.0
5.25
V
fsys
Clock Frequency
LLC2
25.1
−
43.3
MHz
Rxref
RGB
− DAC Current Defining Resistor
XREF
9.5
10
10.5
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com