Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DS33 Datasheet(PDF) 52 Page - STMicroelectronics

Part # LSM6DS33
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button LSM6DS33 Datasheet HTML 48Page - STMicroelectronics LSM6DS33 Datasheet HTML 49Page - STMicroelectronics LSM6DS33 Datasheet HTML 50Page - STMicroelectronics LSM6DS33 Datasheet HTML 51Page - STMicroelectronics LSM6DS33 Datasheet HTML 52Page - STMicroelectronics LSM6DS33 Datasheet HTML 53Page - STMicroelectronics LSM6DS33 Datasheet HTML 54Page - STMicroelectronics LSM6DS33 Datasheet HTML 55Page - STMicroelectronics LSM6DS33 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 77 page
background image
Register description
LSM6DS33
52/77
DocID027423 Rev 4
9.17
CTRL7_G (16h)
Angular rate sensor control register 7 (r/w).
9.18
CTRL8_XL (17h)
Linear acceleration sensor control register 8 (r/w).
Table 60. CTRL7_G register
G_HM_MODE
HP_G_
EN
HPCF_G1
HPCF_G0
HP_G_R
ST
ROUNDING_
STATUS
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
Table 61. CTRL7_G register description
G_HM_MODE
High-performance operating mode disable for gyroscope(1). Default: 0
(0: high-performance operating mode enabled;
1: high-performance operating mode disabled)
1. Normal and low-power mode depends on the ODR setting, for details refer to Table 48.
HP_G_EN
Gyroscope high-pass filter enable. Default value: 0
(0: HPF disabled; 1: HPF enabled)
HP_G_RST
Gyro digital HP filter reset. Default: 0
(0: gyro digital HP filter reset OFF; 1: gyro digital HP filter reset ON)
ROUNDING_
STATUS
Source register rounding function enable on STATUS_REG (1Eh), FUNC_SRC
(53h) and WAKE_UP_SRC (1Bh) registers. Default value: 0
(0: disabled; 1: enabled)
HPCF_G[1:0]
Gyroscope high-pass filter cutoff frequency selection. Default value: 00.
Refer to Table 62.
Table 62. Gyroscope high-pass filter mode configuration
HPCF_G1
HPCF_G0
High-pass filter cutoff frequency
0
0
0.0081 Hz
0
1
0.0324 Hz
1
0
2.07 Hz
1
1
16.32 Hz
Table 63. CTRL8_XL register
LPF2_XL_
EN
HPCF_
XL1
HPCF_
XL0
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
HP_SLOPE_X
L_EN
0(1)
LOW_PASS
_ON_6D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com