Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DS33 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LSM6DS33
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33 Datasheet(HTML) 1 Page - STMicroelectronics

  LSM6DS33 Datasheet HTML 1Page - STMicroelectronics LSM6DS33 Datasheet HTML 2Page - STMicroelectronics LSM6DS33 Datasheet HTML 3Page - STMicroelectronics LSM6DS33 Datasheet HTML 4Page - STMicroelectronics LSM6DS33 Datasheet HTML 5Page - STMicroelectronics LSM6DS33 Datasheet HTML 6Page - STMicroelectronics LSM6DS33 Datasheet HTML 7Page - STMicroelectronics LSM6DS33 Datasheet HTML 8Page - STMicroelectronics LSM6DS33 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
This is information on a product in full production.
October 2015
DocID027423 Rev 4
1/77
LSM6DS33
iNEMO inertial module:
always-on 3D accelerometer and 3D gyroscope
Datasheet
- production data
Features
 Power consumption: 0.9 mA in combo normal mode
and 1.25 mA in combo high-performance mode up to
1.6 kHz.
 “Always-on” experience with low power
consumption for both accelerometer and gyroscope
 Smart FIFO up to 8 kbyte based on features set
 Compliant with Android K and L
 ±2/±4/±8/±16 g full scale
 ±125/±245/±500/±1000/±2000 dps full scale
 Analog supply voltage: 1.71 V to 3.6 V
 Independent IOs supply (1.62 V)
 Compact footprint, 3 mm x 3 mm x 0.86 mm
 SPI/I2C serial interface with main processor data
synchronization feature
 Embedded temperature sensor
 ECOPACK®, RoHS and “Green” compliant
Applications
 Pedometer, step detector and step counter
 Significant motion and tilt functions
 Indoor navigation
 Tap and double-tap detection
 IoT and connected devices
 Intelligent power saving for handheld devices
 Vibration monitoring and compensation
 Free-fall detection
 6D orientation detection
Description
The LSM6DS33 is a system-in-package featuring a 3D
digital accelerometer and a 3D digital gyroscope
performing at 1.25 mA (up to 1.6 kHz ODR) in high-
performance mode and enabling always-on low-power
features for an optimal motion experience for the
consumer.
The LSM6DS33 supports main OS requirements,
offering real, virtual and batch sensors with 8 kbyte for
dynamic data batching.
ST’s family of MEMS sensor modules leverages the
robust and mature manufacturing processes already
used for the production of micromachined
accelerometers and gyroscopes.
The various sensing elements are manufactured using
specialized micromachining processes, while the IC
interfaces are developed using CMOS technology that
allows the design of a dedicated circuit which is
trimmed to better match the characteristics of the
sensing element.
The LSM6DS33 has a full-scale acceleration range of
±2/±4/±8/±16 g and an angular rate range of
±125/±245/±500/±1000/±2000 dps.
High robustness to mechanical shock makes the
LSM6DS33 the preferred choice of system designers
for the creation and manufacturing of reliable products.
The LSM6DS33 is available in a plastic land grid array
(LGA) package.
LGA-16L (3 x 3 x 0.86 mm) typ.
Table 1. Device summary
Part number
Temp.
range [°C]
Package
Packing
LSM6DS33
-40 to +85
LGA-16L
(3 x 3 x 0.86 mm)
Tray
LSM6DS33TR
-40 to +85
Tape &
Reel
www.st.com


Similar Part No. - LSM6DS33

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DS3 STMICROELECTRONICS-LSM6DS3 Datasheet
1Mb / 100P
always-on 3D accelerometer and 3D gyroscope
03-Feb-2016
LSM6DS3H STMICROELECTRONICS-LSM6DS3H Datasheet
1Mb / 104P
always-on 3D accelerometer and 3D gyroscope
03-Feb-2016
LSM6DS3HTR STMICROELECTRONICS-LSM6DS3HTR Datasheet
1Mb / 104P
always-on 3D accelerometer and 3D gyroscope
03-Feb-2016
LSM6DS3TR STMICROELECTRONICS-LSM6DS3TR Datasheet
1Mb / 100P
always-on 3D accelerometer and 3D gyroscope
03-Feb-2016
LSM6DS3TR-C STMICROELECTRONICS-LSM6DS3TR-C Datasheet
1Mb / 115P
iNEMO inertial module always-on 3D accelerometer and 3D gyroscope
03-May-2017
More results

Similar Description - LSM6DS33

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM330DLC STMICROELECTRONICS-LSM330DLC Datasheet
1Mb / 66P
iNEMO inertial module: 3D accelerometer and 3D gyroscope
17-Sep-2012
LSM6DS3US STMICROELECTRONICS-LSM6DS3US Datasheet
1Mb / 104P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
April 2016 Rev 4
LSM6DSL STMICROELECTRONICS-LSM6DSL Datasheet
1Mb / 113P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2016 Rev 5
LSM6DSOP STMICROELECTRONICS-LSM6DSOP Datasheet
2Mb / 107P
iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
17-Feb-2020
LSM6DSR STMICROELECTRONICS-LSM6DSR Datasheet
2Mb / 168P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
Rev 2
LSM6DSO32 STMICROELECTRONICS-LSM6DSO32 Datasheet
1Mb / 153P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
13-Mar-2020
LSM6DSOX STMICROELECTRONICS-LSM6DSOX Datasheet
3Mb / 199P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DST STMICROELECTRONICS-LSM6DST Datasheet
3Mb / 180P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
29-Sep-2020
LSM6DSO STMICROELECTRONICS-LSM6DSO Datasheet
2Mb / 172P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DS3TR-C STMICROELECTRONICS-LSM6DS3TR-C Datasheet
1Mb / 115P
iNEMO inertial module always-on 3D accelerometer and 3D gyroscope
03-May-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com