Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DS33 Datasheet(PDF) 17 Page - STMicroelectronics

Part # LSM6DS33
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LSM6DS33 Datasheet HTML 13Page - STMicroelectronics LSM6DS33 Datasheet HTML 14Page - STMicroelectronics LSM6DS33 Datasheet HTML 15Page - STMicroelectronics LSM6DS33 Datasheet HTML 16Page - STMicroelectronics LSM6DS33 Datasheet HTML 17Page - STMicroelectronics LSM6DS33 Datasheet HTML 18Page - STMicroelectronics LSM6DS33 Datasheet HTML 19Page - STMicroelectronics LSM6DS33 Datasheet HTML 20Page - STMicroelectronics LSM6DS33 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 77 page
background image
DocID027423 Rev 4
17/77
LSM6DS33
Module specifications
77
4.2
Electrical characteristics
@ Vdd = 1.8 V, T = 25 °C unless otherwise noted.
Table 4. Electrical characteristics
For details related to the LSM6DS33 operating modes, refer to 5.2: Gyroscope power
modes and 5.3: Accelerometer power modes.
Symbol
Parameter
Test conditions
Min.
Typ.(1)
1. Typical specifications are not guaranteed.
Max.
Unit
Vdd
Supply voltage
1.71
1.8
3.6
V
Vdd_IO
Power supply for I/O
1.62
Vdd+0.1
V
IddHP
Gyroscope and accelerometer in
high-performance mode
up to ODR = 1.6 kHz
1.25
mA
IddNM
Gyroscope and accelerometer in
normal mode
ODR = 208 Hz
0.9
mA
IddLP
Gyroscope and accelerometer in
low-power mode
ODR = 13 Hz
0.42
mA
LA_IddHP
Accelerometer current consumption
in high-performance mode
up to ODR = 1.6 kHz
240
μA
LA_IddNM
Accelerometer current consumption
in normal mode
ODR = 104 Hz
70
μA
LA_IddLM
Accelerometer current consumption
in low-power mode
ODR = 13 Hz
24
μA
IddPD
Gyroscope and accelerometer in
power down
6
μA
Top
Operating temperature range
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com