Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DS33 Datasheet(PDF) 23 Page - STMicroelectronics

Part # LSM6DS33
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LSM6DS33 Datasheet HTML 19Page - STMicroelectronics LSM6DS33 Datasheet HTML 20Page - STMicroelectronics LSM6DS33 Datasheet HTML 21Page - STMicroelectronics LSM6DS33 Datasheet HTML 22Page - STMicroelectronics LSM6DS33 Datasheet HTML 23Page - STMicroelectronics LSM6DS33 Datasheet HTML 24Page - STMicroelectronics LSM6DS33 Datasheet HTML 25Page - STMicroelectronics LSM6DS33 Datasheet HTML 26Page - STMicroelectronics LSM6DS33 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 77 page
background image
DocID027423 Rev 4
23/77
LSM6DS33
Functionality
77
5
Functionality
5.1
Operating modes
The LSM6DS33 has three operating modes available:
 only accelerometer active and gyroscope in power-down
 only gyroscope active and accelerometer in power-down
 both accelerometer and gyroscope sensors active with independent ODR
The accelerometer is activated from power down by writing ODR_XL[3:0] in CTRL1_XL
(10h) while the gyroscope is activated from power-down by writing ODR_G[3:0] in
CTRL2_G (11h). For combo mode the ODRs are totally independent.
5.2
Gyroscope power modes
In the LSM6DS33, the gyroscope can be configured in four different operating modes:
power-down, low-power, normal mode and high-performance mode. The operating mode
selected depends on the value of the G_HM_MODE bit in CTRL7_G (16h). If G_HM_MODE
is set to ‘0’, high-performance mode is valid for all ODRs (from 13 Hz up to 1.6 kHz).
To enable the low-power and normal mode, the G_HM_MODE bit has to be set to ‘1’. Low-
power mode is available for lower ODR (13, 26, 52 Hz) while normal mode is available for
ODRs equal to 104 and 208 Hz.
5.3
Accelerometer power modes
In the LSM6DS33, the accelerometer can be configured in four different operating modes:
power-down, low-power, normal mode and high-performance mode. The operating mode
selected depends on the value of the XL_HM_MODE bit in CTRL6_C (15h). If
XL_HM_MODE is set to ‘0’, high-performance mode is valid for all ODRs (from 13 Hz up to
6.66 kHz).
To enable the low-power and normal mode, the XL_HM_MODE bit has to be set to ‘1’. Low-
power mode is available for lower ODRs (13, 26, 52 Hz) while normal mode is available for
ODRs equal to 104 and 208 Hz.
5.4
FIFO
The presence of a FIFO allows consistent power saving for the system since the host
processor does not need continuously poll data from the sensor, but it can wake up only
when needed and burst the significant data out from the FIFO.
LSM6DS33 embeds 8 kbytes data FIFO to store the following data:
gyroscope
accelerometer
step counter and time stamp
temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com