Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DS33 Datasheet(PDF) 65 Page - STMicroelectronics

Part # LSM6DS33
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button LSM6DS33 Datasheet HTML 61Page - STMicroelectronics LSM6DS33 Datasheet HTML 62Page - STMicroelectronics LSM6DS33 Datasheet HTML 63Page - STMicroelectronics LSM6DS33 Datasheet HTML 64Page - STMicroelectronics LSM6DS33 Datasheet HTML 65Page - STMicroelectronics LSM6DS33 Datasheet HTML 66Page - STMicroelectronics LSM6DS33 Datasheet HTML 67Page - STMicroelectronics LSM6DS33 Datasheet HTML 68Page - STMicroelectronics LSM6DS33 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 77 page
background image
DocID027423 Rev 4
65/77
LSM6DS33
Register description
77
9.53
TAP_THS_6D (59h)
Portrait/landscape position and tap function threshold register (r/w).
9.54
INT_DUR2 (5Ah)
Tap recognition function setting register (r/w).
Table 135. TAP_THS_6D register
D4D_EN
SIXD_THS
1
SIXD_THS
0
TAP_THS
4
TAP_THS
3
TAP_THS
2
TAP_THS
1
TAP_THS
0
Table 136. TAP_THS_6D register description
D4D_EN
4D orientation detection enable (Z-axis position detection is disabled).
Default value: 0
(0: disabled; 1: enabled)
SIXD_THS[1:0]
Threshold for D6D function. Default value: 00
For details, refer to Table 137.
TAP_THS[4:0]
Threshold for tap recognition. Default value: 00000
Table 137. Threshold for D4D/D6D function
SIXD_THS[1:0]
Threshold value
00
80 degrees
01
70 degrees
10
60 degrees
11
50 degrees
Table 138. INT_DUR2 register
DUR3
DUR2
DUR1
DUR0
QUIET1
QUIET0
SHOCK1
SHOCK0
Table 139. INT_DUR2 register description
DUR[3:0]
Duration of maximum time gap for double tap recognition. Default: 0000
When double tap recognition is enabled, this register expresses the maximum time
between two consecutive detected taps to determine a double tap event. The
default value of these bits is 0000b which corresponds to 16*ODR_XL time. If
DUR[3:0] bits are set to a different value, 1LSB corresponds to 32*ODR_XL time.
QUIET[1:0]
Expected quiet time after a tap detection. Default value: 00
Quiet time is the time after the first detected tap in which there must not be any
overthreshold event. The default value of these bits is 00b which corresponds to
2*ODR_ time. If QUIET[1:0] bits are set to a different value, 1LSB corresponds to
4*ODR_time.
SHOCK[1:0]
Maximum duration of overthreshold event. Default value: 00
Maximum duration is the maximum time of an overthreshold signal detection to be
recognized as a tap event. The default value of these bits is 00b which corresponds
to 4*ODR_ time. If SHOCK[1:0] bits are set to a different value, 1LSB corresponds
to 8*ODR_time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com