Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DS33 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LSM6DS33
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33 Datasheet(HTML) 5 Page - STMicroelectronics

  LSM6DS33 Datasheet HTML 1Page - STMicroelectronics LSM6DS33 Datasheet HTML 2Page - STMicroelectronics LSM6DS33 Datasheet HTML 3Page - STMicroelectronics LSM6DS33 Datasheet HTML 4Page - STMicroelectronics LSM6DS33 Datasheet HTML 5Page - STMicroelectronics LSM6DS33 Datasheet HTML 6Page - STMicroelectronics LSM6DS33 Datasheet HTML 7Page - STMicroelectronics LSM6DS33 Datasheet HTML 8Page - STMicroelectronics LSM6DS33 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
DocID027423 Rev 4
5/77
LSM6DS33
Contents
77
9.54
INT_DUR2 (5Ah) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
9.55
WAKE_UP_THS (5Bh) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
9.56
WAKE_UP_DUR (5Ch) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
9.57
FREE_FALL (5Dh) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
9.58
MD1_CFG (5Eh) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
9.59
MD2_CFG (5Fh) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
10
Embedded functions register mapping . . . . . . . . . . . . . . . . . . . . . . . . . 69
11
Embedded functions registers description . . . . . . . . . . . . . . . . . . . . . 70
11.1
PEDO_THS_REG (0Fh) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
11.2
SM_THS (13h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
11.3
PEDO_DEB_REG (14h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
11.4
STEP_COUNT_DELTA (15h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
12
Soldering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
13
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73
13.1
LGA-16 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73
13.2
LGA-16 packing information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
14
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com