Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DS33 Datasheet(PDF) 18 Page - STMicroelectronics

Part # LSM6DS33
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS33 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LSM6DS33 Datasheet HTML 14Page - STMicroelectronics LSM6DS33 Datasheet HTML 15Page - STMicroelectronics LSM6DS33 Datasheet HTML 16Page - STMicroelectronics LSM6DS33 Datasheet HTML 17Page - STMicroelectronics LSM6DS33 Datasheet HTML 18Page - STMicroelectronics LSM6DS33 Datasheet HTML 19Page - STMicroelectronics LSM6DS33 Datasheet HTML 20Page - STMicroelectronics LSM6DS33 Datasheet HTML 21Page - STMicroelectronics LSM6DS33 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 77 page
background image
Module specifications
LSM6DS33
18/77
DocID027423 Rev 4
4.3
Temperature sensor characteristics
@ Vdd = 1.8 V, T = 25 °C unless otherwise noted.
Table 5. Temperature sensor characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
1. Typical specifications are not guaranteed.
Max.
Unit
TODR
Temperature refresh rate
52
Hz
Toff
Temperature offset(2)
2. The output of the temperature sensor is 0 LSB (typ.) at 25 °C.
-15
+15
°C
TSen
Temperature sensitivity
16
LSB/°C
TST
Temperature stabilization
time(3)
3. Time from power ON bit to valid data based on characterization data.
500
μs
T_ADC_res Temperature ADC resolution
12
bit
Top
Operating temperature range
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com