Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST49LF016C Datasheet(PDF) 21 Page - Microchip Technology

Part # SST49LF016C
Description  16 Mbit LPC Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF016C Datasheet(HTML) 21 Page - Microchip Technology

Back Button SST49LF016C Datasheet HTML 17Page - Microchip Technology SST49LF016C Datasheet HTML 18Page - Microchip Technology SST49LF016C Datasheet HTML 19Page - Microchip Technology SST49LF016C Datasheet HTML 20Page - Microchip Technology SST49LF016C Datasheet HTML 21Page - Microchip Technology SST49LF016C Datasheet HTML 22Page - Microchip Technology SST49LF016C Datasheet HTML 23Page - Microchip Technology SST49LF016C Datasheet HTML 24Page - Microchip Technology SST49LF016C Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
©2016
DS20005029B
02/16
21
16 Mbit LPC Serial Flash
SST49LF016C
EOL Data Sheet
Registers
There are five types of registers available on the SST49LF016C, the multi-byte Read/Write configura-
tion registers (for Firmware Memory cycle), General Purpose Inputs registers, Block Locking registers,
Security ID register, and the JEDEC ID registers. These registers appear at their respective address
location in the 4 GByte system memory map. Unused register locations will read as 00H. Any attempt
to read or write any register during an internal Write operation will be ignored.
Read or write access to the register during an internal Program/Erase operation will be completed as
follows:
•
Multi-byte Read/Write Configuration registers, General Purpose Inputs register, and Block
Locking registers can be accessed normally
•
Security ID register and the JEDEC ID registers can not be accessed (reading these reg-
isters will return unused register data 00H).
Multi-Byte Read/Write Configuration Registers (Firmware Memory Cycle)
The multi-byte read/write configuration (MBR) registers are four 8-bit read-only registers located at
addresses FFBC0005-FFBC0008 for boot configured device (see Table 13). These registers are
accessible using Firmware Memory Read cycle only. These registers contain information about multi-
byte read and write access sizes that will be accepted for Firmware Memory multi-byte Read com-
mands. The registers are not available in AAI mode.
In case of multi-byte Firmware Memory register reads, the device will return register data for the
addressed register until the command finishes, or is aborted.
General Purpose Inputs Register
The General Purpose Inputs register (GPI_REG) passes the state of GPI[4:0] pins on the
SST49LF016C. It is recommended that the GPI[4:0] pins be in the desired state before LFRAME# is
brought low for the beginning of the bus cycle, and remain in that state until the end of the cycle. There
is no default value since this is a pass-through register. The GPI_REG register for the boot device
appears at FFBC0100H in the 4 GByte system memory map, and will appear elsewhere if the device is
not the boot device (see Table 12). This register is not available to be read when the device is in an
Erase/Program operation. In case of multi-byte Firmware Memory cycle register reads, the device will
return register data for the addressed register until the command finishes, or is aborted.
Table 12: General Purpose Register
Register
Register Address1
1. Address shown in this column is for boot device only. Address locations should appear elsewhere in the 4 GByte system
memory map depending on ID strapping values on ID[3:0] pins when multiple LPC memory devices are used in a sys-
tem.
Default
Value
Access
GPI_REG
FFBC 0100H
N/A
R
T12.0 20005029



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com