Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST49LF016C Datasheet(PDF) 22 Page - Microchip Technology

Part # SST49LF016C
Description  16 Mbit LPC Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF016C Datasheet(HTML) 22 Page - Microchip Technology

Back Button SST49LF016C Datasheet HTML 18Page - Microchip Technology SST49LF016C Datasheet HTML 19Page - Microchip Technology SST49LF016C Datasheet HTML 20Page - Microchip Technology SST49LF016C Datasheet HTML 21Page - Microchip Technology SST49LF016C Datasheet HTML 22Page - Microchip Technology SST49LF016C Datasheet HTML 23Page - Microchip Technology SST49LF016C Datasheet HTML 24Page - Microchip Technology SST49LF016C Datasheet HTML 25Page - Microchip Technology SST49LF016C Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
©2016
DS20005029B
02/16
22
16 Mbit LPC Serial Flash
SST49LF016C
EOL Data Sheet
Block Locking Registers
SST49LF016C provides software controlled lock protection through a set of Block Locking registers.
The Block Locking Registers are read/write registers and they are accessible through standard
addressable memory locations specified in Table 14. Unused register locations will return 00H if read.
In case of multi-byte register reads with Firmware Memory cycle, the device will return register data for
the addressed register until the command finishes, or is aborted.
Table 13: Multi-byte Read/Write Configuration Registers (Firmware Memory Cycle Only)
Register
Register
Address1
Data
Access
Description
MULTI_BYTE_READ_L
FFBC 0005H
0100 1011b
R
Device supports 1,2,4, 16, 128 Byte reads
MULTI_BYTE_READ_H
FFBC 0006H
0000 0000b
R
Future Expansion for Read
MULTI_BYTE_WRITE_L
FFBC 0007H
0000 0011b
R
Device supports 1, 2, 4 Byte Write
MULTI_BYTE_WRITE_H
FFBC 0008H
0000 0000b
R
Future Expansion for Write
T13.0 20005029
1. Address shown in this column is for boot device only. Address locations should appear elsewhere in the 4 GByte sys-
tem memory map depending on ID strapping values on ID[3:0] pins when multiple LPC memory devices are used in a
system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com