Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST49LF016C Datasheet(PDF) 10 Page - Microchip Technology

Part # SST49LF016C
Description  16 Mbit LPC Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF016C Datasheet(HTML) 10 Page - Microchip Technology

Back Button SST49LF016C Datasheet HTML 6Page - Microchip Technology SST49LF016C Datasheet HTML 7Page - Microchip Technology SST49LF016C Datasheet HTML 8Page - Microchip Technology SST49LF016C Datasheet HTML 9Page - Microchip Technology SST49LF016C Datasheet HTML 10Page - Microchip Technology SST49LF016C Datasheet HTML 11Page - Microchip Technology SST49LF016C Datasheet HTML 12Page - Microchip Technology SST49LF016C Datasheet HTML 13Page - Microchip Technology SST49LF016C Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
©2016
DS20005029B
02/16
10
16 Mbit LPC Serial Flash
SST49LF016C
EOL Data Sheet
Design Considerations
SST recommends a high frequency 0.1 µF ceramic capacitor to be placed as close as possible
between VDD and VSS less than 1 cm away from the VDD pin of the device. Additionally, a low fre-
quency 4.7 µF electrolytic capacitor from VDD to VSS should be placed within 1 cm of the VDD pin. If you
use a socket for programming purposes add an additional 1-10 µF next to each socket. The RST# pin
must remain stable at VIH for the entire duration of an Erase operation. WP#/AAI must remain stable at
VIH for the entire duration of the Erase and Program operations for non-Boot Block sectors. To write
data to the top Boot Block sectors, the TBL# pin must also remain stable at VIH for the entire duration
of the Erase and Program operations.
Mode Selection
The SST49LF016C flash memory device operates in two distinct interface modes: the LPC mode and
the Auto Address Increment (AAI) mode. The WP#/AAI pin is used to set the interface mode selection.
The device is in AAI mode when the WP#/AAI pin is set to the Supervoltage VH (9±0.5V), and in the
LPC mode when the WP#/AAI is set to VIL/VIH. The mode selection must be configured prior to device
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com