Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST49LF016C Datasheet(PDF) 32 Page - Microchip Technology

Part # SST49LF016C
Description  16 Mbit LPC Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF016C Datasheet(HTML) 32 Page - Microchip Technology

Back Button SST49LF016C Datasheet HTML 28Page - Microchip Technology SST49LF016C Datasheet HTML 29Page - Microchip Technology SST49LF016C Datasheet HTML 30Page - Microchip Technology SST49LF016C Datasheet HTML 31Page - Microchip Technology SST49LF016C Datasheet HTML 32Page - Microchip Technology SST49LF016C Datasheet HTML 33Page - Microchip Technology SST49LF016C Datasheet HTML 34Page - Microchip Technology SST49LF016C Datasheet HTML 35Page - Microchip Technology SST49LF016C Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
©2016
DS20005029B
02/16
32
16 Mbit LPC Serial Flash
SST49LF016C
EOL Data Sheet
Figure 10:LCLK Waveform (LPC Mode)
Table 24: Pin Capacitance (VDD=3.3V, TA=25 °C, f=1 Mhz, other pins open)
Parameter
Description
Test Condition
Maximum
CI/O1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this
parameter.
I/O Pin Capacitance
VI/O=0V
12 pF
CIN1
Input Capacitance
VIN=0V
12 pF
LPIN2
2. Refer to PCI spec.
Pin Inductance
20 nH
T24.0 20005029
Table 25: Reliability Characteristics
Symbol
Parameter
Minimum
Specification
Units
Test Method
NEND1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this
parameter.
Endurance
10,000
Cycles
JEDEC Standard A117
TDR1
Data Retention
100
Years
JEDEC Standard A103
ILTH1
Latch Up
100 + IDD
mA
JEDEC Standard 78
T25.0 20005029
Table 26: Clock Timing Parameters (LPC Mode)
Symbol
Parameter
33 MHz
66 MHz
Units
Min
Max
Min
Max
TCYC
Cycle Time
30
15
ns
THIGH
LCLK High Time
11
6.5
ns
TLOW
LCLK Low Time
11
6.5
ns
-
LCLK Slew Rate (peak-to-peak)
1
4
1
4
V/ns
-
RST# or INIT# Slew Rate
50
50
mV/ns
T26.0 20005029
1237 F09.0
0.4 VDD p-to-p
(minimum)
TCYC
THIGH
TLOW
0.4 VDD
0.3 VDD
0.6 VDD
0.2 VDD
0.5 VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com