Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST49LF016C Datasheet(PDF) 29 Page - Microchip Technology

Part # SST49LF016C
Description  16 Mbit LPC Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF016C Datasheet(HTML) 29 Page - Microchip Technology

Back Button SST49LF016C Datasheet HTML 25Page - Microchip Technology SST49LF016C Datasheet HTML 26Page - Microchip Technology SST49LF016C Datasheet HTML 27Page - Microchip Technology SST49LF016C Datasheet HTML 28Page - Microchip Technology SST49LF016C Datasheet HTML 29Page - Microchip Technology SST49LF016C Datasheet HTML 30Page - Microchip Technology SST49LF016C Datasheet HTML 31Page - Microchip Technology SST49LF016C Datasheet HTML 32Page - Microchip Technology SST49LF016C Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
©2016
DS20005029B
02/16
29
16 Mbit LPC Serial Flash
SST49LF016C
EOL Data Sheet
AAI Data Load Protocol
Figure 9: AAI Load Protocol Waveform
Table 19: AAI Programming Cycle (initiated with WP#/AAI at VH ONLY)
Clock
Cycle
Field Name Field Contents LAD[3:0]
Comments
1
START
1110
IN
LFRAME# must be active (low) for the part to respond.
Only the last start field (before LFRAME# transitions
high) should be recognized. The START field contents
indicate a Firmware Memory Write cycle. (1110b)
2
IDSEL
0000b to 1111b IN
ID works identically to Firmware Memory cycle.
This field indicates which SST49LF016C device
should respond. If the IDSEL (ID select) field matches
the value of ID[3:0], then that particular device will
respond to the whole bus cycle.
3-9
MADDR
YYYY
IN
These seven clock cycles make up the 28-bit memory
address. YYYY is one nibble of the entire address.
Addresses are transferred most-significant nibble first.
Only bits [20:7] of the total address [27:0] are used for
AAI mode. The rest are “don’t care”.
10
MSIZE
KKKK
IN
MSIZE field is don’t care when in AAI mode
11-266
DATA
ZZZZ
IN
Data is transmitted to the device least significant nib-
ble first, from byte 0 to byte 127 as long as the RY/BY#
is high and LD# low. The host will pause the clock and
data stream when RY/BY# goes low until it returns
high, signifying that the chip is ready for more data
T19.0 20005029
1 2 3 4 5 6 7 8 9 10 11 12
266
264
WP#/AAI
LAD[3:0]
LCLK
(Data Strobe Input)
LD#
VH
LFRAME#
RY/BY#
Start
IDSEL
MSIZE
MADDR
Address
Byte 0
Byte N
Byte
N+1
Byte
2N
Byte
126
Byte
127
DATA
DATA
DATA
DATA
DATA DATA
1237 F08.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com