Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST49LF016C Datasheet(PDF) 15 Page - Microchip Technology

Part # SST49LF016C
Description  16 Mbit LPC Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF016C Datasheet(HTML) 15 Page - Microchip Technology

Back Button SST49LF016C Datasheet HTML 11Page - Microchip Technology SST49LF016C Datasheet HTML 12Page - Microchip Technology SST49LF016C Datasheet HTML 13Page - Microchip Technology SST49LF016C Datasheet HTML 14Page - Microchip Technology SST49LF016C Datasheet HTML 15Page - Microchip Technology SST49LF016C Datasheet HTML 16Page - Microchip Technology SST49LF016C Datasheet HTML 17Page - Microchip Technology SST49LF016C Datasheet HTML 18Page - Microchip Technology SST49LF016C Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
©2016
DS20005029B
02/16
15
16 Mbit LPC Serial Flash
SST49LF016C
EOL Data Sheet
Non-boundary-aligned address:
The SST49LF016C accepts multi-byte transfers for both Read and Write operations. The device
address space is divided into uniform page sizes 2, 4, 16, or 128 bytes wide, according to the MSIZE
value (see Table 6). The host issues only one address in the MADDR field of the Firmware Memory
Cycle, but multiple bytes are read from or written to the device. For this reason the MADDR address
should be page boundary-aligned. This means the address should be aligned to a Word boundary (A0
= 0) for a 2-byte transfer, a double Word boundary (e.g. A0 = 0, A1 = 0) for a 4-byte transfer, and so on.
If the address supplied by the host is not page boundary-aligned, the SST49LF016C will force a
boundary alignment, starting the multi-byte Read or Write operation from the lower byte of the
addressed page.
Multiple Device Selection
Multiple LPC serial flash devices may be strapped to increase memory densities in a system. The four
ID pins, ID[3:0], allow up to 16 devices to be attached to the same bus by using different ID strapping in
a system. BIOS support, bus loading, or the attaching bridge may limit this number. The boot device
must have an ID of 0000b (determined by ID[3:0]); subsequent devices use incremental numbering.
Equal density must be used with multiple devices.
Multiple Device Selection for Firmware Memory Cycle
For Firmware Memory Read/Write cycles, hardware strapping values on ID[3:0] must match the values
in IDSEL field. The SST49LF016C will compare these bits with ID[3:0]’s strapping values. If there is a
mismatch, the device will ignore the remainder of the cycle. See Table 7 for Multiple Device Selection
Configuration.
Table 7: Firmware Memory Multiple Device Selection Configuration
Device #
ID[3:0]
IDSEL
0 (Boot device)
0000
0000
1
0001
0001
2
0010
0010
3
0011
0011
4
0100
0100
5
0101
0101
6
0110
0110
7
0111
0111
8
1000
1000
9
1001
1001
10
1010
1010
11
1011
1011
12
1100
1100
13
1101
1101
14
1110
1110
15
1111
1111
T7.0 20005029



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com