Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST49LF016C Datasheet(PDF) 17 Page - Microchip Technology

Part # SST49LF016C
Description  16 Mbit LPC Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF016C Datasheet(HTML) 17 Page - Microchip Technology

Back Button SST49LF016C Datasheet HTML 13Page - Microchip Technology SST49LF016C Datasheet HTML 14Page - Microchip Technology SST49LF016C Datasheet HTML 15Page - Microchip Technology SST49LF016C Datasheet HTML 16Page - Microchip Technology SST49LF016C Datasheet HTML 17Page - Microchip Technology SST49LF016C Datasheet HTML 18Page - Microchip Technology SST49LF016C Datasheet HTML 19Page - Microchip Technology SST49LF016C Datasheet HTML 20Page - Microchip Technology SST49LF016C Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
©2016
DS20005029B
02/16
17
16 Mbit LPC Serial Flash
SST49LF016C
EOL Data Sheet
Read-Array Command
Upon initial device power-up and after exit from reset, the device defaults to the read array mode. This
operation can also be initiated by writing the Read-Array command. (See Table 8.) The device remains
available for array reads until another command is written. Once an internal Program/Erase operation
starts, the device will not recognize the Read-Array command until the operation is completed, unless
the operation is suspended via a Program/Erase Suspend command.
Read-Software-ID Command
The Read-Software-ID operation is initiated by writing the Read-Software-ID command. Following the
command, the device will output the manufacturer’s ID and device ID from the addresses shown in
Table 9. Any other valid command will terminate the Read-Software-ID operation.
The Read-Software-ID command is the same as the Read-Security-ID command. See “Security ID
Commands” on page 19.
Read-Status-Register Command
The Status register may be read to determine when a Sector-/Block-Erase or Program completes, and
whether the operation completed successfully. The Status register may be read at any time by writing
the Read-Status-Register command. After writing this command, all subsequent Read operations will
return data from the Status register until another valid command is written.
The default value of the Status register after device power-up or reset is 80H.
Table 9: Product Identification
Address1
1. Address shown in this column is for boot device only. Address locations should appear elsewhere in the 4 GByte sys-
tem memory map depending on ID strapping values on ID[3:0] pins when multiple LPC memory devices are used in a
system.
Data
Manufacturer’s ID
FFFC 0000H
BFH
Device ID
SST49LF016C
FFFC 0001H
5CH
T9.1 20005029



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com