| Electronic Components Datasheet Search |
|
HT46R23 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46R23 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc |
|
16 / 42 page ![]() HT46R23 Rev. 1.30 16 August 17, 2001 The PA5 and PA4 are pin-shared with INT and TMR pins respectively. The PB can also be used as A/D converter inputs. The A/D function will be described later. There is a PWM function shared with PD0/PD1. If the PWM function is enabled, the PWM0/PWM1 signal will appear on PD0/PD1 (if PD0/PD1 is operating in output mode). The I/O functions of PD0/PD1 are as shown. I/O Mode I/P (Normal) O/P (Normal) I/P (PWM) O/P (PWM) PD0 PD1 Logical Input Logical Output Logical Input PWM0 PWM1 It is recommended that unused or not bonded out I/O lines should be set as output pins by software instruction to avoid consuming power under input floating state. PWM The microcontroller provides 2 channels (6+2)/(7+1) (dependent on options) bits PWM output shared with PD0/PD1. The PWM channels have their data registers denoted as PWM0 (1AH) and PWM1 (1BH). The fre- quency source of the PWM counter comes from fSYS. The PWM registers are two 8-bit registers. The wave- forms of PWM outputs are as shown. Once the PD0/PD1 are selected as the PWM outputs and the out- put function of PD0/PD1 are enabled (PDC.0/PDC.1 =²0²), writing 1 to PD0/PD1 data register will enable the PWM output function and writing ²0² will force the PD0/PD1 to stay at ²0². A (6+2) bits mode PWM cycle is divided into four modu- lation cycles (modulation cycle 0~modulation cycle 3). Each modulation cycle has 64 PWM input clock period. In a (6+2) bit PWM function, the contents of the PWM register is divided into two groups. Group 1 of the PWM register is denoted by DC which is the value of PWM.7~PWM.2. The group 2 is denoted by AC which is the value of PWM.1~PWM.0. In a (6+2) bits mode PWM cycle, the duty cycle of each modulation cycle is shown in the table. Parameter AC (0~3) Duty Cycle Modulation cycle i (i=0~3) i<AC DC 1 64 + i³AC DC 64 A (7+1) bits mode PWM cycle is divided into two modu- lation cycles (modulation cycle0~modulation cycle 1). Each modulation cycle has 128 PWM input clock period. In a (7+1) bits PWM function, the contents of the PWM register is divided into two groups. Group 1 of the PWM register is denoted by DC which is the value of PWM.7~PWM.1. The group 2 is denoted by AC which is the value of PWM.0. V DD M U X M U X PF D E N (P A 3 ) OP 0 ~ OP 7 TM R f o r P A 4 O n l y IN T fo r P A 5 O n l y S y s t em W ak e- up ( P A onl y ) R ead D a t a R egi s t er PA 3 PF D (P D 0 o r P W M 0 ) D Q CK S D Q CK Q S C ont r o l B i t PU Da t a B u s W r i t e C ont r o l R egi s t er C h i p R es et R ead C o n t r o l R e g i s t er W r i t e D a t a R egi s t er Da t a B i t PA 0 ~ P A 2 PA 3 / PF D PA 4 / T M R PA 5 / I N T PA 6 , P A7 P B 0/ A N 0~ P B 7/ A N 7 PC 0 ~ PC 5 PD 0 / P W M 0 PD 1 / P W M 1 (P D 1 o r P W M 1 ) Q Input/output ports |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |