Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R23 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT46R23
Description  8-Bit OTP Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R23 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT46R23 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Pin Description
Pin Name
I/O
ROM Code
Option
Description
PB0/AN0
PB1/AN1
PB2/AN2
PB3/AN3
PB4/AN4
PB5/AN5
PB6/AN6
PB7/AN7
I/O
Pull-high
Bidirectional 8-bit input/output port. Software instructions determine the
CMOS output, Schmitt trigger input with or without pull-high resistor (deter-
mined by pull-high option: port option) or A/D input.
Once a PB line is selected as an A/D input (by using software control), the
I/O function and pull-high resistor are disabled automatically.
PA0~PA2
PA3/PFD
PA4/TMR
PA5/INT
PA6/SDA
PA7/SCL
I/O
Pull-high
Wake-up
PA3 or PFD
I/O or Serial Bus
Bidirectional 8-bit input/output port. Each bit can be configured as wake-up
input by ROM code option. Software instructions determine the CMOS out-
put or Schmitt trigger input with or without pull-high resistor (determined by
pull-high options: bit option). The PFD, TMR and INT are pin-shared with
PA3, PA4 and PA5, respectively. Once the I2C BUS function is used, the in-
ternal registers related to PA6 and PA7 can not be used.
VSS
¾¾
Negative power supply, ground.
PC0~PC4
I/O
Pull-high
Bidirectional 5-bit input/output port. Software instructions determine the
CMOS output, Schmitt trigger input with or without pull-high resistor (deter-
mine by pull-high option: port option).
PD0/PWM0
PD1/PWM1
I/O
Pull-high
I/O or PWM
Bidirectional 2-bit input/output port. Software instructions determine the
CMOS output, Schmitt trigger input with or without a pull-high resistor (de-
termined by pull-high option: port option). The PWM0/PWM1 output func-
tion are pin-shared with PD0/PD1 (dependent on PWM optios).
RES
I
¾
Schmitt trigger reset input. Active low.
VDD
¾¾
Positive power supply
OSC1
OSC2
I
O
Crystal
or RC
OSC1, OSC2 are connected to an RC network or a Crystal (determined by
ROM code option) for the internal system clock. In the case of RC opera-
tion, OSC2 is the output terminal for 1/4 system clock.
Absolute Maximum Ratings
Supply Voltage ...........................VSS-0.3V to VSS+5.5V
Storage Temperature ............................-50°Cto125°C
Input Voltage..............................VSS-0.3V to VDD+0.3V
Operating Temperature...........................-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT46R23
Rev. 1.30
3
August 17, 2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com