Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R23 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT46R23
Description  8-Bit OTP Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R23 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT46R23 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
HT46R23
Rev. 1.30
17
August 17, 2001
In a (7+1) bits mode PWM cycle, the duty cycle of each
modulation cycle is shown in the table.
Parameter
AC (0~1)
Duty Cycle
Modulation cycle i
(i=0~1)
i<AC
DC 1
128
+
i³AC
DC
128
The modulation frequency, cycle frequency and cycle
duty of the PWM output signal are summarized in the
following table.
PWM
Modulation Frequency
PWM Cycle
Frequency
PWM Cycle
Duty
FSYS/64 for (6+2) bits mode
FSYS/128 for (7+1) bits mode
fSYS/256 [PWM]/256
A/D converter
The 8 channels and 10-bit resolution A/D (9-bit accu-
racy) converter are implemented in this microcontroller.
The reference voltage is VDD. The A/D converter con-
tains 4 special registers which are; ADRL (24H), ADRH
(25H), ADCR (26H) and ACSR (27H). The ADRH and
ADRL are A/D result register higher-order byte and
lower-order byte and are read-only. After the A/D con-
version is completed, the ADRH and ADRL should be
read to get the conversion result data. The ADCR is an
A/D converter control register, which defines the A/D
channel number, analog channel select, start A/D con-
version control bit and the end of A/D conversion flag. If
the users want to start an A/D conversion. Define PB
configuration, select the converted analog channel, and
give START bit a raising edge and falling edge
(0®1®0). At the end of A/D conversion, the EOC bit is
cleared and an A/D converter interrupt occurs (if the A/D
converter interrupt is enabled). The ACSR is A/D clock
setting register, which is used to select the A/D clock
source.
The A/D converter control register is used to control the
A/D converter. The bit2~bit0 of the ADCR are used to
select an analog input channel. There are a total of eight
channels to select. The bit5~bit3 of the ADCR are used
to set PB configurations. PB can be an analog input or
as digital I/O line decided by these 3 bits. Once a PB line
is selected as an analog input, the I/O functions and
pull-high resistor of this I/O line are disabled and the A/D
f SY S /2
PW M
[P W M ] = 1 0 0
[P W M ] = 1 0 1
PW M
[P W M ] = 1 0 2
PW M
[P W M ] = 1 0 3
PW M
P W M cy cl e : 256/ f SY S
P W M m odul at i on per i od : 64/ f SY S
25/ 6 4
26/ 6 4
26/ 6 4
26/ 6 4
25/ 6 4
25/ 6 4
25/ 6 4
25/ 6 4
25/ 6 4
25/ 6 4
25/ 6 4
26/ 6 4
26/ 6 4
25/ 6 4
25/ 6 4
26/ 6 4
25/ 6 4
26/ 6 4
26/ 6 4
26/ 6 4
(6+2) PWM mode
f SY S /2
PW M
[P W M ] = 1 0 0
[P W M ] = 1 0 1
PW M
[P W M ] = 1 0 2
PW M
[P W M ] = 1 0 3
PW M
P W M cy cl e : 256/ f SY S
P W M m odul at i on per i od : 128 / f SY S
50/ 1 2 8
51/ 1 2 8
51/ 1 2 8
52/ 1 2 8
50/ 1 2 8
50/ 1 2 8
51/ 1 2 8
51/ 1 2 8
50/ 1 2 8
51/ 1 2 8
51/ 1 2 8
52/ 1 2 8
(7+1) PWM mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com