Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R23 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT46R23
Description  8-Bit OTP Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R23 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT46R23 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
HT46R23
Rev. 1.30
19
August 17, 2001
000B
000B
100B
010B
* 76 T A D
100B
000B
000B
* * X X X B
ST AR T
EO C
PC R 0 ~ P C R 2
AC S0 ~ A C S 2
Po w e r
On
Re s e t
S t ar t of A / D
conv er s i on
Re s e t A / D
conv er t e r
S t ar t of A / D
conv er s i on
Re s e t A / D
conv er t e r
E nd of A / D
conv er t e r
E nd of A / D
conv er t e r
1: D e f i ne P B co n f i gur a t i o n
2: S el ect anal og cha nnel
** *3 : S e l e ct A D C cl o ck
( E x a m p l e : 4 channel , A N 2,
f SY S /8 )
1: A l l P B l i ne i s d i g i t al i nput
2 : A / D con v e r t er i s po w e r o f f
t o r educe pow er cons um p t i o n
* 76 T A D
" * " A / D conv er t i ng t i m e i s 7 6 T A D
" * * " X X X B m eans d on' t car e
" * * * " A D C cl o ck m u st b e f SY S /2 , f SY S /8 , f SY S /3 2
No t e :
A/D conversion timing
Low voltage reset - LVR
The microcontroller provides low voltage reset circuit in
order to monitor the supply voltage of the device. If the
supply voltage of the device is within the range
0.9V~3.3V, such as changing a battery, the LVR will au-
tomatically reset the device internally.
The LVR includes the following specifications:
·
The low voltage (0.9V~3.3V) has to remain in their
original state to exceed 1ms. If the low voltage state
does not exceed 1ms, the LVR will ignore it and do not
perform a reset function.
·
The LVR uses the ²OR² function with the external RES
signal to perform chip reset.
The relationship between VDD and VLVR is shown below.
Note: VOPR is the voltage range for proper chip
operation at 4MHz system clock.
5. 5V
3. 3V
3. 0V
0. 9V
V DD
V OP R
V LV R
5. 5V
V DD
5. 5V
V LV R
0. 9V
0V
R e s e t S i gnal
Re s e t
*1
*2
N o rm a l O p e ra t i o n
R e s e t
LV R D e t e ct V ol t age
Low voltage reset
Note: *1: To make sure that the system oscillator has stabilized, the SST provides an extra delay of 1024 system
clock pulses before entering the normal operation.
*2: Since low voltage state has to be maintained in its original state for over 1ms, therefore after 1ms delay,
the device enters the reset mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com