| Electronic Components Datasheet Search |
|
HT46R23 Datasheet(PDF) 34 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46R23 Datasheet(HTML) 34 Page - Holtek Semiconductor Inc |
|
34 / 42 page ![]() MOV A,x Move immediate data to the accumulator. Description The 8-bit data specified by the code is loaded into the accumulator. Operation ACC ¬ x Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾¾¾¾¾¾ MOV [m],A Move the accumulator to data memory. Description The contents of the accumulator are copied to the specified data memory (one of the data memories). Operation [m] ¬ ACC Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾¾¾¾¾¾ NOP No operation. Description No operation is performed. Execution continues with the next instruction. Operation PC ¬ PC+1 Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾¾¾¾¾¾ OR A,[m] Logical OR accumulator with data memory. Description Data in the accumulator and the specified data memory (one of the data memories) perform a bitwise logical_OR operation. The result is stored in the accumulator. Operation ACC ¬ ACC ²OR² [m] Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾ ¾ ¾Ö¾ ¾ OR A,x Logical OR immediate data to the accumulator. Description Data in the accumulator and the specified data perform a bitwise logical_OR operation. The result is stored in the accumulator. Operation ACC ¬ ACC ²OR² x Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾ ¾ ¾Ö¾ ¾ ORM A,[m] Logical OR data memory with the accumulator. Description Data in the data memory (one of the data memory) and the accumulator perform a bitwise log- ical_OR operation. The result is stored in the data memory. Operation [m] ¬ ACC ²OR² [m] Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾ ¾ ¾Ö¾ ¾ HT46R23 Rev. 1.30 34 August 17, 2001 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |