Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R23 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT46R23
Description  8-Bit OTP Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R23 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT46R23 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
HT46R23
Rev. 1.30
18
August 17, 2001
converter circuit is power on. The EOC bit (bit6 of the
ADCR) is end of A/D conversion flag. Check this bit to
know when A/D conversion is completed. The START
bit of the ADCR is used to begin the conversion of the
A/D converter. Giving START bit a rising edge and fall-
ing edge means that the A/D conversion has started. In
order to ensure the A/D conversion is completed, the
START should remain at ²0² until the EOC is cleared to
²0² (end of A/D conversion).
The bit 7 of the ACSR is used for testing purposes only.
It can not be used by the users. The bit1 and bit0 of the
ACSR are used to select A/D clock sources.
Label
(ACSR) Bits
Function
ADCS0
ADCS1
0
1
Selects the A/D converter clock
source
00= system clock¸2
01= system clock¸8
10= system clock¸32
11= undefined
¾
2~6 Unused bit, read as ²0²
TEST
7 For test mode used only
ACSR register
Label
(ADCR) Bits
Function
ACS0
ACS1
ACS2
0
1
2
Defines the analog channel select.
PCR0
PCR1
PCR2
3
4
5
Defines the port B configuration select.
If PCR0, PCR1 and PCR2 are all zero,
the ADC circuit is power off to reduce
power consumption
EOC
6
Provides response at the end of the
A/D conversion.
(0= end of A/D conversion)
START
7 Starts the A/D conversion. (0®1®0
=start; 0®1® reset A/D converter)
ADCR register
ACS2 ACS1 ACS0
Analog Channel
000
A0
001
A1
010
A2
011
A3
100
A4
101
A5
110
A6
111
A7
Analog input channel selection
When the A/D conversion is completed, the A/D inter-
rupt request flag is set. The EOC bit is set to ²1² when
the START bit is set from ²0² to ²1².
Register
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0
ADRL
D1 D0 ¾ ¾¾¾¾¾
ADRH
D9 D8 D7 D6 D5 D4 D3 D2
Note: *: D0~D9 is A/D conversion result data bit
LSB~MSB.
PCR2
PCR1
PCR0
76543
2
1
0
0
0
0
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
0
0
1
PB7
PB6
PB5
PB4
PB3
PB2
PB1
A0
0
1
0
PB7
PB6
PB5
PB4
PB3
PB2
A1
A0
0
1
1
PB7
PB6
PB5
PB4
PB3
A2
A1
A0
1
0
0
PB7
PB6
PB5
PB4
A3
A2
A1
A0
1
0
1
PB7
PB6
PB5
A4
A3
A2
A1
A0
1
1
0
PB7
PB6
A5
A4
A3
A2
A1
A0
1
1
1
A7A6A5A4A3
A2
A1A0
Port B configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com