Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC701LP6CE Datasheet(PDF) 31 Page - Analog Devices

Part # HMC701LP6CE
Description  Fractional or Integer Modes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC701LP6CE Datasheet(HTML) 31 Page - Analog Devices

Back Button HMC701LP6CE Datasheet HTML 27Page - Analog Devices HMC701LP6CE Datasheet HTML 28Page - Analog Devices HMC701LP6CE Datasheet HTML 29Page - Analog Devices HMC701LP6CE Datasheet HTML 30Page - Analog Devices HMC701LP6CE Datasheet HTML 31Page - Analog Devices HMC701LP6CE Datasheet HTML 32Page - Analog Devices HMC701LP6CE Datasheet HTML 33Page - Analog Devices HMC701LP6CE Datasheet HTML 34Page - Analog Devices HMC701LP6CE Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
31
HMC701LP6CE
v09.1112
8 GHz 16-BIT FRACTIONAL-N PLL
Table 19. Reg 08h Charge Pump Trim & Offset Register
Bit
Type
Name
Default
Description
3:0
r/W
cp_UPtrim_sel
0
trim Up gain, 14.3ua lsb, binary, 100ua max
Program 0
7:4
r/W
cp_Dntrim_sel
0
trim Dn gain, 14.3ua lsb, binary, 100ua max
Program 0
11:8
r/W
cp_UPoffset_sel
4h
Up offset leakage current, 28.7ua lsb, binary,
430ua max Program as needed. See charge
Pump Phase offset
15:12
r/W
cp_Dnoffset_sel
0
Dn offset leakage current, 28.7ua , binary,
430uamax Program as needed. See charge
Pump Phase offset
17:16
r/W
cp_amp_bias_sel
2h
charge Pump Dummy Branch op amp bias
selection, 100ua Program 10
Table 20. Reg 09h Charge Pump EN Register
Bit
Type
Name
Default
Description
0
r/W
cp_pull_updn_en
0
Enables cP UP/Down control reg09
1
r/W
cp_pull_dn_upb
0
0 - Forces charge Pump Up when reg09[0]=1
1 - Forces charge Pump Dn when reg09[0]=1
Table 21. Reg 0Ah Reserved
Bit
Type
Name
Default
Description
23:0
r/W
reserved
304h
reserved
Table 22. Reg 0Bh Reserved
Bit
Type
Name
Default
Description
23:0
r/W
reserved
0
reserved
Table 23. Reg 0Ch Reserved
Bit
Type
Name
Default
Description
23:0
r/W
reserved
100h
reserved
Table 24. Reg 0Dh Reserved
Bit
Type
Name
Default
Description
23:0
r/W
reserved
20h
reserved
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com