Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC701LP6CE Datasheet(PDF) 5 Page - Analog Devices

Part # HMC701LP6CE
Description  Fractional or Integer Modes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC701LP6CE Datasheet(HTML) 5 Page - Analog Devices

  HMC701LP6CE Datasheet HTML 1Page - Analog Devices HMC701LP6CE Datasheet HTML 2Page - Analog Devices HMC701LP6CE Datasheet HTML 3Page - Analog Devices HMC701LP6CE Datasheet HTML 4Page - Analog Devices HMC701LP6CE Datasheet HTML 5Page - Analog Devices HMC701LP6CE Datasheet HTML 6Page - Analog Devices HMC701LP6CE Datasheet HTML 7Page - Analog Devices HMC701LP6CE Datasheet HTML 8Page - Analog Devices HMC701LP6CE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
5
HMC701LP6CE
v09.1112
8 GHz 16-BIT FRACTIONAL-N PLL
Table 3. Pin Description
Pin no.
Pin name
Pin type
Description
1
VccPrS
Supply
rF Prescaler Power Supply. nominally +3.3V
2
Vccoa
Supply
chargePump opamp Power Supply. nominally +5V
3
VPPcP
Supply
Power Supply for charge Pump. nominally +5V
4
cP
analog o/P
charge Pump output
5
GnDcP
GnD
Power Supply GnD for charge Pump
6
GnDDrV
GnD
charge Pump GnD
7
VPPDrV
Supply
Power supply for charge Pump, nominally +5V
8
VDDPD
Supply
Power Supply for Phase Detectors, nominally +5V
9
GnDPD
GnD
Power Supply GnD for Phase Detector
10, 20, 21, 26
n/c
n/c
no connection
11
VDDPDV
Supply
Power Supply for Phase Detector Vco Path, nominally +5V
12
GnDPDV
GnD
Power Supply GnD for Phase Detector Vco Path
13
VDDPDr
Supply
Power Supply for Phase Detector ref Path, nominally +5V
14
GnDPDr
GnD
Power Supply GnD for Phase Detector ref Path
15
XrEFP
analog i/P
Square Wave crystal ref input
16
rVDD
Supply
Power Supply for ref Path, nominally +3.3V
17
XSin
analog i/P
Sinusoidal crystal reference input
18
rEFcaP
analog i/o
reference Path bypass
19
rStB
cMoS i/P
reset input (active low). cycle low for >tref to reset. recommended after power-up.
22
DVDD
Supply
Digital Power Supply, nominally +3.3V
23
GPo1
Do
General Purpose output 1 with tristate
24
GPo2
Do
General Purpose output 2 with tristate
25
GPo3
Dio
General Purpose input/output with tristate
may be configured for External ramp trigger input. See register rEG 14h[5]
27
SEn
cMoS i/P
Main Serial port enable input
28
SDi
cMoS i/P
Main Serial port data input
29
ScK
cMoS i/P
Main Serial port clock input
30
VSLE
Do
Leave pin disconnected.
31
VSDo
Do
Leave pin disconnected.
32
VScK
Do
Leave pin disconnected.
33
LD_SDo
cMoS o/P
Lock Detect or Main Serial Port Data output
34
DVDDio
Supply
Power Supply for digital i/o, matches external Digital Supply in 1.8V to 5.5V range
35
DVDD
Supply
internal Digital Power Supply. nominally 3.3V
36
DVDDQ
Supply
Power Supply isolation pin. nominally 3.3V, bypassed to GnD, zero current.
37
VcoiP
rF i/P
complementary input to the rF Prescaler. if single ended input, this point must be
decoupled to the ground plane with a ceramic bypass capacitor, typically 100 pF
38
Vcoin
rF i/P
input to the rF Prescaler. this signal input is ac-coupled to the external Vco
39
VccHF
Supply
rF Section Power Supply. nominally 3.3V
40
BiaS
analog i/P
Decoupling Pin for rF section, nominally external 1nF bypassed to VccHF
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com