Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC701LP6CE Datasheet(PDF) 6 Page - Analog Devices

Part # HMC701LP6CE
Description  Fractional or Integer Modes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC701LP6CE Datasheet(HTML) 6 Page - Analog Devices

Back Button HMC701LP6CE Datasheet HTML 2Page - Analog Devices HMC701LP6CE Datasheet HTML 3Page - Analog Devices HMC701LP6CE Datasheet HTML 4Page - Analog Devices HMC701LP6CE Datasheet HTML 5Page - Analog Devices HMC701LP6CE Datasheet HTML 6Page - Analog Devices HMC701LP6CE Datasheet HTML 7Page - Analog Devices HMC701LP6CE Datasheet HTML 8Page - Analog Devices HMC701LP6CE Datasheet HTML 9Page - Analog Devices HMC701LP6CE Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
HMC701LP6CE
v09.1112
8 GHz 16-BIT FRACTIONAL-N PLL
Typical Phase Noise - Integer Mode
Typical Phase Noise - Fractional Mode
RF Divider Sensitivity
Frequency Sweep
Cycle Slip Prevention: Frequency Hop
from 5200 MHz to 3950 MHz
-170
-160
-150
-140
-130
-120
-110
-100
-90
1000
10
4
10
5
10
6
10
7
10
8
All Plots 50 MHz PFD
FREQUENCY (Hz)
2 GHz Fractional
6 GHz Fractional
3900
4100
4300
4500
4700
4900
5100
5300
-10
0
10
20
30
40
50
60
70
TIME (μs)
CSP ON
CSP OFF
5850
5900
5950
6000
6050
6100
6150
-2
-1
0
1
2
3
TIME (ms)
-170
-160
-150
-140
-130
-120
-110
-100
-90
1000
10
4
10
5
10
6
10
7
10
8
All Plots 50 MHz PFD
FREQUENCY (Hz)
2 GHz Integer
6 GHz Integer
1 GHz Integer
-40
-30
-20
-10
0
10
20
0
2000
4000
6000
8000
10000
FREQUENCY (MHz)
+85C
+25C
-40C
FRAC
INTEG
FREQUENCY (MHz)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com