Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC701LP6CE Datasheet(PDF) 27 Page - Analog Devices

Part # HMC701LP6CE
Description  Fractional or Integer Modes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC701LP6CE Datasheet(HTML) 27 Page - Analog Devices

Back Button HMC701LP6CE Datasheet HTML 23Page - Analog Devices HMC701LP6CE Datasheet HTML 24Page - Analog Devices HMC701LP6CE Datasheet HTML 25Page - Analog Devices HMC701LP6CE Datasheet HTML 26Page - Analog Devices HMC701LP6CE Datasheet HTML 27Page - Analog Devices HMC701LP6CE Datasheet HTML 28Page - Analog Devices HMC701LP6CE Datasheet HTML 29Page - Analog Devices HMC701LP6CE Datasheet HTML 30Page - Analog Devices HMC701LP6CE Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
27
HMC701LP6CE
v09.1112
8 GHz 16-BIT FRACTIONAL-N PLL
a typical WritE cycle is shown in Figure 19.
a. the Master (host) both asserts SEn (Serial Port Enable) and clears SDi to indicate a WritE
cycle, followed by a rising edge of ScLK.
b. the slave (synthesizer) reads SDi on the 1st rising edge of ScLK after SEn. SDi low initiates
the WritE cycle (/Wr)
c. Host places the six address bits on the next six falling edges of ScLK, MSB first.
d. Slave registers the address bits in the next six rising edges of ScLK (2-7).
e. Host places the 24 data bits on the next 24 falling edges of ScK, MSB first .
f. Slave registers the data bits on the next 24 rising edges of ScK (8-31).
g. SEn is de-asserted on or after the 32nd falling edge of ScLK.
h. the 32nd rising edge of ScLK completes the cycle
Figure 19. Serial Port Timing Diagram - WRITE
Main Serial Port READ Operation
aVDD = DVDD = 3V ±10%, aGnD = DGnD = 0V
Table 5. Timing Characteristics
Parameter
Conditions
Min.
Typ.
Max
Units
t1
SEn to ScLK setup time
8
nsec
t2
SDi to ScLK setup time
10
nsec
t3
ScLK to SDi hold time
10
nsec
t4
ScLK high duration
8
nsec
t5
ScLK low duration
8
nsec
t6
SEn High duration
640
nsec
t7
SEn Low duration
20
nsec
t8
ScLK to SDo delay
8ns+0.2ns/pF
nsec
t9
recovery time
10
nsec
the synthesizer uses the multi-purpose pin, LD_SDO, for both Lock Detect and Serial Data out (SDo) functions. the
registers lkd_to_sdo_automux_en (Reg1A<12>) and lkd_to_sdo_always (Reg1A<13> table 36) determine how the
Data output pin is muxed with the Lock Detect function. if both of the registers are cleared, then the pin is exclusively
SDo. if automux is enabled, the pin switches to SDo when the rD function is sensed on the 1st rising edge of ScLK.
if lkd_to_sdo_always is set, then the pin LD_SDO is dedicated for Lock Detect only, and it is not possible to read from
the synthesizer.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com