Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC701LP6CE Datasheet(PDF) 37 Page - Analog Devices

Part # HMC701LP6CE
Description  Fractional or Integer Modes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC701LP6CE Datasheet(HTML) 37 Page - Analog Devices

Back Button HMC701LP6CE Datasheet HTML 32Page - Analog Devices HMC701LP6CE Datasheet HTML 33Page - Analog Devices HMC701LP6CE Datasheet HTML 34Page - Analog Devices HMC701LP6CE Datasheet HTML 35Page - Analog Devices HMC701LP6CE Datasheet HTML 36Page - Analog Devices HMC701LP6CE Datasheet HTML 37Page - Analog Devices HMC701LP6CE Datasheet HTML 38Page - Analog Devices HMC701LP6CE Datasheet HTML 39Page - Analog Devices HMC701LP6CE Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
37
HMC701LP6CE
v09.1112
8 GHz 16-BIT FRACTIONAL-N PLL
Table 37. Reg 1Bh GPO Control Register
Bit
Type
Name
Default
Description
3:0
r/W
gpo_sel
0000
Selects data to be driven on GPo ports
gpo_sel<3:0> = 0000
GPo3 <=gposel_0_data<2>
GPo2 <= gposel_0_data<1>
GPo1 <= gposel_0_data<0>
gpo_sel<3:0> = 0001
GPo3 <= xref_clk_in
GPo2 <= ref_clk_in
GPo1 <= vco_div_clkin
gpo_sel<3:0> = 0010
GP03 <= pfd_up_in
GP02 <= pfd_dn_in
GP01 <= LKD_monost_window
gpo_sel<3:0> = 0011
GP03 <= pfd_sat_ref_in
GP02 <= pfd_sat_vco_div_in
GP01 <= delta_integer_cycslip_sel, this strobe
holds the gain of the PFD at max for anti-cycle
slipping
gpo_sel<3:0> = 0100
GP03 <= xref_clk_in
GP02 <= xref_sin_in
GP01 <= sd_frac_strobe_sync, internally
synchronized frac strobe
gpo_sel<3:0> = 0101
reserved
gpo_sel<3:0> = 0110
GP03 <= SD_intz1<1>
GP02 <=SD_intz1<2>
GP01 <= SD_intz1<3>
3-bit quantized version of the Vco phase
gpo_sel<3:0> = 0111
GP03 <= aux_clk
GP02 <= ringosc_test
GP01 <= clk_SD
gpo_sel<3:0> = 1000
GP03 <= 00
GP02 <= ramp_busy
GP01 <= reserved
gpo_sel<3:0> = 1001
reserved
gpo_sel<3:0> = 1010
GP03 <= Δ∑ Quantizer output 3rd lsb
GP02 <= Δ∑ Quantizer output 2nd lsb
GP01 <= Δ∑ Quantizer output lsb
6:4
r/W
gpo_sel_0_data
0
this data is driven on gpo if gpo_sel==0
7
r/W
gpo_dig_drive_en
0
enables tri-state drivers on GPo output pads
10:8
r/W
gpo_ind_drive_dis
000
000 = all GPo pad drivers enabled
xx1 = disable GPo1 pad driver
x1x = disable GPo2 pad driver
1xx = disable GPo3 pad driver
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com