Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC701LP6CE Datasheet(PDF) 35 Page - Analog Devices

Part # HMC701LP6CE
Description  Fractional or Integer Modes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC701LP6CE Datasheet(HTML) 35 Page - Analog Devices

Back Button HMC701LP6CE Datasheet HTML 31Page - Analog Devices HMC701LP6CE Datasheet HTML 32Page - Analog Devices HMC701LP6CE Datasheet HTML 33Page - Analog Devices HMC701LP6CE Datasheet HTML 34Page - Analog Devices HMC701LP6CE Datasheet HTML 35Page - Analog Devices HMC701LP6CE Datasheet HTML 36Page - Analog Devices HMC701LP6CE Datasheet HTML 37Page - Analog Devices HMC701LP6CE Datasheet HTML 38Page - Analog Devices HMC701LP6CE Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
35
HMC701LP6CE
v09.1112
8 GHz 16-BIT FRACTIONAL-N PLL
Table 34. Reg 18h Auxiliary Oscillator Register 1
Bit
Type
Name
Default
Description
1:0
r/W
dsmclk_auxclk_insel
0
Selects the input clk for auxclk Program 0
0:vcodiv
1:xrefsq or sin
2:refdiv
3:ring oscillator from mono, est 300 MHz to
1 GHz
3:2
r/W
dsmclk_auxclk_modesel
0
Program 0
0: bypass-no delay
1: pass through w/ delay
2: ring-out constant
3: ring-out seeded/gated
6:4
r/W
dsmclk_auxclk_divsel
2
divider selection auxclk value divby Program
010
000
001
010
011
100
101
110
111
1
2
4
6
8
10
12
14
7
r/W
dsmclk_auxclk_sel
1
selects auxclk (if=1) as natural reference clk
input of sigma delta Program 1
8
r/W
dsmclk_auxmod_lfsr_en
0
enables 10-bit lfsr inside the delay modulator
(clocked by auxclk or auxclkb) Program 0
9
r/W
dsmclk_auxmod_accum_en
0
enables 8-bit accumulator inside the delay
modulator (clocked by auxclk or auxclkb)
Program 0
11:10
r/W
dsmclk_auxmod_mode
0
delay modulation mode Program 0
0: auxmod_lodly_in passthrough
1: accumulator based square-wave
2: lfsr (lo-amp)
3: lfsr (hi-amp)
19:12
r/W
dsmclk_auxmod_fracstep
0
step-size of accumulator (changes square-wave
value once it wraps through 256) Program 0
22:20
r/W
dsmclk_auxmod_lodly
0
value of delay-element (when auxmod_mode=0)
or low value used during sq-wave modulation
Program 0
Table 35. Reg 19h Auxiliary Oscillator Register 2
Bit
Type
Name
Default
Description
2:0
r/W
dsmclk_auxmod_hidly
7
hi value of delay element during sq-wave
modulation Program 7h
3
r/W
dsmclk_auxmod_clkinv
1
optionally inverts auxclk as used by the
modulator Program 1
4
r/W
dsmclk_auxmod_clkwring
0
select LKD ringosc to clock the LFSr Program 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com