Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC702LP6CE Datasheet(PDF) 31 Page - Analog Devices

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC702LP6CE Datasheet(HTML) 31 Page - Analog Devices

Back Button HMC702LP6CE Datasheet HTML 27Page - Analog Devices HMC702LP6CE Datasheet HTML 28Page - Analog Devices HMC702LP6CE Datasheet HTML 29Page - Analog Devices HMC702LP6CE Datasheet HTML 30Page - Analog Devices HMC702LP6CE Datasheet HTML 31Page - Analog Devices HMC702LP6CE Datasheet HTML 32Page - Analog Devices HMC702LP6CE Datasheet HTML 33Page - Analog Devices HMC702LP6CE Datasheet HTML 34Page - Analog Devices HMC702LP6CE Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
31
HMC702LP6CE
v10.0812
14 GHz 16-BIT FRACTIONAL-N PLL
Table 21. Reg 0Fh Integer Division Register
Bit
Type
Name
Default
Description
15:0
r/W
dsm_intg
c8h
unsigned integer portion of Vco divider value,
also known as NINT, see ( EQ 12)
Table 22. Reg 10h Fractional Division Register
Bit
Type
Name
Default
Description
23:0
r/W
dsm_frac
0
unsigned fractional portion of Vco divider also
known as NFRAC, see (EQ 12)
Table 23. Reg 11h Seed Register
Bit
Type
Name
Default
Description
23:0
r/W
dsm_seed
0
Unsigned seed value for Δ∑ modulator
Sets the start phase of the modulator. Use a
random , non-repeating number for best results
(examples: 3a1953h, DEaDBEh, 50894ch)
Table 24. Reg 12h Delta Sigma Modulator Register
Bit
Type
Name
Default
Description
0
r/W
dsm_ref_clk_select
0
use reference instead of divider Program 0
1
r/W
dsm_invert_clk_sd3
1
invert Δ∑ clk
2
r/W
dsm_invert_clk_rph
0
inverts the ref clock phase
3
r/W
dsm_integer_mode
0
1- enables integer Mode, bypasses the Δ∑
modulator, leaves it running
see also dsm_rstb reg01h<13> to disable the
modulator
4
r/W
reserved
0
5
r/W
reserved
0
6
r/W
dsm_xref_sin_select
0
when xref is selected specifies that the sine
source is used
7
r/W
dsm_autoseed
1
automatic seed load when changing the frac
part, uses value in seed
9:8
r/W
dsm_order
2h
Delta-Sigma Modulator configuration:
00-1st order 01-2nd order 10-3rd order Feedback
11-3rd order Feedforward
Use either 10 or 11. For Sweeper operation use
11 only.
Do not use 1st or 2nd order (for test only)
13:10
r/W
dsm_quant_max
3h
max value allowed out of Δ∑ modulator quantizer
limits are +7 to -8, typ ±3 or ±4 Program 3h
17:14
r/W
dsm_quant_min
ch
min value allowed out of Δ∑ modulator quantizer
limits are +7 to -8, typ ±3 or ±4 Program ch
[1] Phase-Error Measurement and compensation in PLL Frequency Synthesizers for FMcW, Sensors—i: context and application, Pichler, Stelzer,
Member, iEEE, Seisenberger, and Vossiek, iEEE transactions on circuits and Systems—i, VoL. 54, no. 5, May 2007
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com